Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA3163QCAI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA3163QCAI-TRG
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3163QCAI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA3163QCAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APA3163QCAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APA3163QCAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APA3163QCAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA3163QCAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA3163QCAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA3163QCAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA3163QCAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA3163QCAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2013
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
APA3163
The APA3163 is a digital input, stereo, high efficiency,
Class-D audio amplifier available in a TQFP7x7-48P
package.
The APA3163 accepts the digital serial audio data and
using the digital audio processor to convert the audio
data becomes the stereo Class-D output speaker
amplifier. This provides the seamless integration between
the codec and the speaker amplifier.
The APA3163 is a slave device receiving clocks from ex-
ternal source, and the Class-D’s PWM switching fre-
quency is 352.8kHz for the sampling rate 44.1kHz or 384
kHz for sampling 48kHz, depend on the input signal’s
sampling rate.
Operating Voltage: 8.0V~24V for PVDD
– 3.0V~3.6V for DVDD and AVDD
High EfficiencyClass-D Operation Eliminate the
Need of Heatsinks
Digital Serial Audio Input (Stereo Output)
I2C Control Interface
Sampling Rate canSupport from 32kHz to 192kHz
Separated Volume Control from 24dB to Mute
Soft Mute (50% DutyCycle)
Programmable Dynamic Range Compression
– Power Limiter
– Speaker Protection
– Night-Mode Listening
Programmable Biquads for Speaker EQ
Shutdown and Mute Function
Thermal and Over-Current Protections with Auto-
Recovery
Space Saving Package TQFP7x7-48P
Lead Free and Green Devices Available
(RoHS Compliant)
Features
General Description
Applications
LCDTV
Pin Configuration
APA3163
Left
Channel
Speaker
Right
Channel
Speaker
OUT_A
OUT_C
OUT_B
OUT_D
Digital Audio
Source
I
2C
Control
SDA
SCL
MCLK
LRCLK
SCLK
SDIN
Simplified Application Circuit
ABS 4
AVSS 9
TM 8
PLL_LF
10
NC 11
GDREG 5
NC 6
PVDD_A 2
PVDD_A 3
NC 7
NC 12
OUT_A 1
33 DBS
28 DVSS
35 PVDD_D
32 GDREG
27 DVDD
34 PVDD_D
36 OUT_D
25 RST
31 DVREG
30 AGND
26 TP3
29 GND
TOP VIEW
(APA3163)


Similar Part No. - APA3163QCAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA3163A ANPEC-APA3163A Datasheet
1Mb / 42P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
APA3163AQCAI-TRG ANPEC-APA3163AQCAI-TRG Datasheet
1Mb / 42P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
More results

Similar Description - APA3163QCAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA3175 ANPEC-APA3175 Datasheet
811Kb / 46P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
APA3163A ANPEC-APA3163A Datasheet
1Mb / 42P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
APA3160 ANPEC-APA3160 Datasheet
1Mb / 44P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
APA3169 ANPEC-APA3169 Datasheet
1Mb / 53P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ, DRC and 2.1 Mode
logo
Texas Instruments
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com