Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA3002QCAI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA3002QCAI-TRG
Description  12W Stereo Class-D Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3002QCAI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA3002QCAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APA3002QCAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2009
www.anpec.com.tw
9
APA3002
Mute Attenuation vs. Frequency
Mode Attenuation vs. Frequency
Typical Operating Characteristics (Cont.)
Inter-modulation Performance
PSRR vs. Frequency
PSRR vs. Frequency
PSRR vs. Frequency
Frequency (Hz)
V
DD =12V
C
i=1µF
R
L=8Ω
P
O=1W
Volume=0V
AUX-0025
AES-17(20kHz)
Class-D
20
20k
100
1k
10k
-80
+0
-70
-60
-50
-40
-30
-20
-10
Frequency (Hz)
V
DD =12V
C
i=1µF
R
L=8Ω
P
O=1W
A
V=36dB
Mode=5V
AUX-0025
AES-17(20kHz)
Class-D
20
20k
100
1k
10k
-130
+0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
V
DD =12V
C
i=1µF
f
in=19kHz&20kHz
R
L=8Ω
P
O=1W
A
V=36dB
AUX-0025
Class-D
Frequency (Hz)
-140
+0
-120
-100
-80
-60
-40
-20
50
20k
100
1k
10k
V
DD =12V
R
L=8Ω
V
RR=0.5Vrms
A
V=36dB
AUX-0025
AES-17(20kHz)
Class-D
Frequency (Hz)
V
RR: Ripple Voltage on VDD
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
Frequency (Hz)
V
DD =12V
R
L=10kΩ
V
RR=0.5Vrms
A
V=20dB
VAROUT
V
RR: Ripple Voltage on VDD
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
Frequency (Hz)
T
T
T
T
T
T
T
T
T V
DD =12V
No load
V
RR=0.5Vrms
LDO
V
RR: Ripple Voltage on VDD
20
20k
100
1k
10k
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10


Similar Part No. - APA3002QCAI-TRG

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA300 ACTEL-APA300 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA300 MICROSEMI-APA300 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA300 MICROSEMI-APA300 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA3002QCAI-TRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
   6W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com