Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA3002QBI-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APA3002QBI-TRG
Description  12W Stereo Class-D Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3002QBI-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APA3002QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA3002QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA3002QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA3002QBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA3002QBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA3002QBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APA3002QBI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APA3002QBI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APA3002QBI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2009
www.anpec.com.tw
11
APA3002
THD+N vs. Frequency
Crosstalk vs. Frequency
Typical Operating Characteristics (Cont.)
Noise vs. Frequency
Frequency Response
Input Resistance vs. Gain
Supply Current vs. Output Power
Gain (dB)
VAROUT
20
40
60
80
100
120
140
160
0
-60
-45
-30
-15
0
15
30
V
DD =12V
C
i=1µF
C
OUT=150µF
R
L=10kΩ
A
V=10dB
A-Weighting
VAROUT
Frequency (Hz)
20
20k
100
1k
10k
1
µ
100
µ
10
µ
V
DD =12V
C
i=1µF
C
OUT=150µF
R
L=10kΩ
A
V=10dB
P
O=0.18V
VAROUT
Frequency (Hz)
Gain
Phase
10
200k
100
1k
10k
+150
+230
+160
+170
+180
+190
+200
+210
+220
+4
+10
+5
+6
+7
+8
+9
T
T
T
T
T
T
T
T
T
T
T
T
T
TV
DD =12V
C
i=1µF
C
OUT=150µF
R
L=10kΩ
A
V=10dB
V
O=1.25V
LPF=80kHz
VAROUT
Left channel to Right channel
Right channel to Left channel
Frequency (Hz)
-120
+0
-100
-80
-60
-40
-20
20
20k
100
1k
10k
Output Power (W)
R
L=8Ω&33µH
f
in=1kHz
C
i=1µF
Mono
AUX-0025
AES-17 (20kHz)
V
DD=14V
V
DD=12V
V
DD=8.5V
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1.0
1.2
Frequency (Hz)
V
DD =12V
C
i=1µF
C
OUT=150µF
R
L=10kΩ
A
V=10dB
V
O=1.25V
LPF=80kHz
VAROUT
20
20k
100
1k
10k
0.001
10
0.01
0.1
1


Similar Part No. - APA3002QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA300 ACTEL-APA300 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA300 MICROSEMI-APA300 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA300 MICROSEMI-APA300 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA3002QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
   6W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com