Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3220EUET-LTR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3220EUET-LTR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3220EUET-LTR Datasheet(HTML) 3 Page - Exar Corporation

  SP3220EUET-LTR Datasheet HTML 1Page - Exar Corporation SP3220EUET-LTR Datasheet HTML 2Page - Exar Corporation SP3220EUET-LTR Datasheet HTML 3Page - Exar Corporation SP3220EUET-LTR Datasheet HTML 4Page - Exar Corporation SP3220EUET-LTR Datasheet HTML 5Page - Exar Corporation SP3220EUET-LTR Datasheet HTML 6Page - Exar Corporation SP3220EUET-LTR Datasheet HTML 7Page - Exar Corporation SP3220EUET-LTR Datasheet HTML 8Page - Exar Corporation SP3220EUET-LTR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_101_060311
3
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX,
Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP. MAX. UNITS CONDITIONS
DRIVER OUTPUTS (continued)
Output Resistance
300
V
CC = V+ = V- = 0V, TOUT=+2V
Output Short-Circuit Current
+35
+60
mA
V
OUT = 0V
Output Leakage Current
+25
µA
V
OUT = +12V, VCC = GND to 5.5V,
Drivers disabled
RECEIVER INPUTS
Input Voltage Range
-25
+25
V
Input Threshold LOW
0.6
1.2
V
Vcc = 3.3V
Input Threshold LOW
0.8
1.5
V
Vcc = 5.0V
Input Threshold HIGH
1.5
2.4
V
Vcc = 3.3V
Input Threshold HIGH
1.8
2.4
V
Vcc = 5.0V
Input Hysteresis
0.3
V
Input Resistance
3
5
7
kΩ
TIMING CHARACTERISTICS
Data Rate SP3220E
120
235
kbps
R
L = 3KΩ, CL = 1000pF
Data Rate SP3220EB
250
kbps
R
L = 3KΩ, CL = 1000pF
Data Rate SP3220EU
1000
kbps
R
L = 3KΩ, CL = 250pF
Receiver Propagation Delay, t
PHL
0.15
µs
Receiver input to Receiver
output, C
L = 150pF
Receiver Propagation Delay, t
PLH
0.15
µs
Receiver input to Receiver
output, C
L = 150pF
Receiver Output Enable Time
200
ns
Receiver Output Disable Time
200
ns
Driver Skew
100
ns
| t
PHL - tPLH |, TAMB = 25°C
Receiver Skew
50
ns
| t
PHL - tPLH |
Transition-Region Slew Rate
30
V/µs
Vcc = 3.3V, R
L = 3kΩ, TAMB =
25°C, measurements taken from
-3.0V to +3.0V or +3.0V to -3.0V
(SP3220E and SP3220EB)
Transition-Region Slew Rate
90
V/µs
Vcc = 3.3V, R
L = 3kΩ, TAMB =
25°C, measurements taken from
-3.0V to +3.0V or +3.0V to -3.0V
(SP3220EU)


Similar Part No. - SP3220EUET-LTR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220EUET SIPEX-SP3220EUET Datasheet
160Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUET SIPEX-SP3220EUET Datasheet
165Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results

Similar Description - SP3220EUET-LTR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220E MAXLINEAR-SP3220E Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com