Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6845 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6845
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6845 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6845 Datasheet HTML 3Page - Intersil Corporation ISL6845 Datasheet HTML 4Page - Intersil Corporation ISL6845 Datasheet HTML 5Page - Intersil Corporation ISL6845 Datasheet HTML 6Page - Intersil Corporation ISL6845 Datasheet HTML 7Page - Intersil Corporation ISL6845 Datasheet HTML 8Page - Intersil Corporation ISL6845 Datasheet HTML 9Page - Intersil Corporation ISL6845 Datasheet HTML 10Page - Intersil Corporation ISL6845 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN9124.11
February 23, 2012
Current Limit, Sourcing
-20
--
mA
Current Limit, Sinking
5
--
mA
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
µA
CS Offset Voltage
VCS = 0V (Note 11)
95
100
105
mV
COMP to PWM Comparator Offset Voltage
VCS = 0V (Note 11)
0.80
1.15
1.30
V
Input Signal, Maximum
0.91
0.97
1.03
V
Input Signal, Maximum (ISL6843C Only)
0.9
0.97
1.07
V
Gain, ACS = ΔVCOMP/ΔVCS
0 < VCS < 910mV, VFB = 0V (Note 11)
2.5
3.0
3.5
V/V
CS to OUT Delay
(Note 11)
-
25
40
ns
CS to OUT Delay (ISL6843C Only)
(Note 11)
70
ns
ERROR AMPLIFIER
Open Loop Voltage Gain
(Note 11)
60
90
-
dB
Open Loop Voltage Gain (ISL6843C Only)
(Note 11)
55
dB
Unity Gain Bandwidth
(Note 11)
3.5
5-
MHz
Reference Voltage
VFB = VCOMP
2.475
2.514
2.55
V
FB Input Bias Current
VFB = 0V
-1.0
-0.2
1.0
µA
COMP Sink Current
VCOMP = 1.5V, VFB = 2.7V
1.0
--
mA
COMP Source Current
VCOMP = 1.5V, VFB = 2.3V
-0.4
--
mA
COMP VOH
VFB = 2.3V
4.80
-
VREF
V
COMP VOL
VFB = 2.7V
0.4
-
1.0
V
PSRR
Frequency = 120Hz, VDD = 12V to 18V (Note 11)
60
80
-
dB
OSCILLATOR
Frequency Accuracy
Initial, TJ = +25°C
49
52
55
kHz
Frequency Variation with VDD
T = +25°C (f18V - f12V)/f12V
-0.2
1.0
%
Temperature Stability
(Note 11)
-
-
5
%
Amplitude, Peak-to-Peak
-1.9
-
V
RTCT Discharge Voltage
-0.7
-
V
Discharge Current
RTCT = 2.0V
7.2
8.4
9.5
mA
OUTPUT
Gate VOH
VDD to OUT, IOUT = -200mA
-
1.0
2.0
V
Gate VOL
OUT to GND, IOUT = 200mA
-
1.0
2.0
V
Peak Output Current
COUT = 1nF (Note 11)
-
1.0
-
A
Rise Time
COUT = 1nF (Note 11)
-
20
40
ns
Fall Time
COUT = 1nF (Note 11)
-
20
40
ns
PWM
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” and
“Typical Application” schematic on pages 3 and 4. VDD = 15V (Note 12), Rt = 10kΩ, Ct = 3.3nF,
TA = -40°C to +105°C (Industrial) or TA = 0°C to +70°C (Commercial), Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +105°C or 0°C to +70°C
. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845


Similar Part No. - ISL6845

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6845 INTERSIL-ISL6845 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL6845 INTERSIL-ISL6845 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6845 INTERSIL-ISL6845 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6845 INTERSIL-ISL6845 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
ISL6845 INTERSIL-ISL6845 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
More results

Similar Description - ISL6845

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com