Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3222EUCY-LTR Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3222EUCY-LTR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3222EUCY-LTR Datasheet(HTML) 5 Page - Exar Corporation

  SP3222EUCY-LTR Datasheet HTML 1Page - Exar Corporation SP3222EUCY-LTR Datasheet HTML 2Page - Exar Corporation SP3222EUCY-LTR Datasheet HTML 3Page - Exar Corporation SP3222EUCY-LTR Datasheet HTML 4Page - Exar Corporation SP3222EUCY-LTR Datasheet HTML 5Page - Exar Corporation SP3222EUCY-LTR Datasheet HTML 6Page - Exar Corporation SP3222EUCY-LTR Datasheet HTML 7Page - Exar Corporation SP3222EUCY-LTR Datasheet HTML 8Page - Exar Corporation SP3222EUCY-LTR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3220E_EB_EU_101_060311
5
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
0
250
500
1000
1500
2000
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
2Mbps
1.5Mbps
1Mbps
2Mbps
1.5Mbps
1Mbps
2.5
2.7
3
3.5
4
4.5
5
Supply V oltage (V)
6
4
2
0
-2
-4
-6
TxOUT+
TxOUT-
16
14
12
10
8
6
4
2
0
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
T1 Loaded with 3K // 1000pf @1Mbps
Figure 7. Transmitter Output Voltage vs Load
Capacitance for the SP3220EU.
Figure 8. Transmitter Output Voltage vs Supply
Voltage for the SP3220EU.
Figure 9. Supply Current vs Supply Voltage for the
SP3220EU.


Similar Part No. - SP3222EUCY-LTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3222EUCY-L EXAR-SP3222EUCY-L Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
SP3222EUCY-L/TR EXAR-SP3222EUCY-L/TR Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
More results

Similar Description - SP3222EUCY-LTR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220E MAXLINEAR-SP3220E Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com