Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1825013-0 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 2-1825013-0
Description  Switches Core Program
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1825013-0 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 2-1825013-0 Datasheet HTML 4Page - Tyco Electronics 2-1825013-0 Datasheet HTML 5Page - Tyco Electronics 2-1825013-0 Datasheet HTML 6Page - Tyco Electronics 2-1825013-0 Datasheet HTML 7Page - Tyco Electronics 2-1825013-0 Datasheet HTML 8Page - Tyco Electronics 2-1825013-0 Datasheet HTML 9Page - Tyco Electronics 2-1825013-0 Datasheet HTML 10Page - Tyco Electronics 2-1825013-0 Datasheet HTML 11Page - Tyco Electronics 2-1825013-0 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
7
Switches
Slide Switches
STS, SDS Series
I Miniature slide switch
I STS: economy grade
SD: instrumentation grade
I Low profile
1 or 2
up to 6
Make before Break
Yes
THT
SDS: on request
No
No
300 mA @ 125 Vac
10,000 ops.
-15…+60°C
refer to catalogue
Bulk
MSSA-01/04 Series
I Instrumentation grade
I Top and side actuator
up to 2
2
Break before Make
Yes
THT
Standard
Yes
No
Gold: 20 mA @ 20 Vdc
Silver: 3A@115Vac, 1.5A@230Vac
30,000 ops.
-20…+85°C
MSSA1: 11.9 x 6.4x8mm
MSSA2: 11.9 x 11.4 x 8 mm
Bulk
S, SE Series
I Compact slide switch
I S: unsealed
SE: sealed (IP 67)
1 or 2
1,2
Break before Make
Yes
SMT, THT
SE: Actuator with boot sealing
No
No
20 mA@ 20 Vdc
10,000 ops.
-20…+80°C
9.5 x 5 x 8.0 mm
Tray, Tape and Reel
MSS, MSSA Series
I Instrumentation grade
up to 6
up to 4
Make before Break
Yes
THT
Standard / MSSA: Position snap
No
No
Gold: 20 mA @ 20 Vdc
Silver: 300 mA @ 125 Vac
15,000 ops.
-20…+85°C
refer to catalogue
Tray
ASE, ASF Series
I Bifurcated double wipe
contacts, also for telecom
grade switching
I ASF for auto insertion on
standard IC equipment
2, 4, 6
2, 3 (available in 4 pole only)
Make before Break
Yes
SMT, THT
ASF: Flush top actuator
ASE: Extended top or side
ASFO: Flush top or side
ASF: Yes, ASE: No
ASF: Yes, ASE: No
Gold: 20 mA @ 20 Vdc
Silver: 300 mA @ 115 Vac, 28 Vdc
10,000 ops.
-40…+80°C
refer to catalogue
Tube
TSS Series
I Single or dual actuator
up to 4
1 or 2
Break before Make
Yes
THT
Standard
Yes
No
20 mA @ 20 Vdc
80,000 ops.
-20…+80°C
refer to catalogue
Bulk
Slide switch
Number of poles
Number of throws
Contact timing
Right angle versions
Mounting style
Actuator style
Flush actuator version
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (LxWxH)
Packaging
Slide switch
Number of poles
Number of throws
Contact timing
Right angle versions
Mounting style
Actuator style
Flush actuator version
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (LxWxH)
Packaging


Similar Part No. - 2-1825013-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1825013-0 MACOM-2-1825013-0 Datasheet
2Mb / 30P
   Switches Core Program
2-1825013-0 MACOM-2-1825013-0 Datasheet
2Mb / 30P
   Switches Core Program
2-1825013-0 MACOM-2-1825013-0 Datasheet
2Mb / 30P
   Switches Core Program
More results

Similar Description - 2-1825013-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1825057-8 MACOM-1825057-8 Datasheet
2Mb / 30P
   Switches Core Program
FSM4JRT MACOM-FSM4JRT Datasheet
2Mb / 30P
   Switches Core Program
ADE0404 MACOM-ADE0404 Datasheet
2Mb / 30P
   Switches Core Program
FSM4JSMATR MACOM-FSM4JSMATR Datasheet
2Mb / 30P
   Switches Core Program
1825010-1 MACOM-1825010-1 Datasheet
2Mb / 30P
   Switches Core Program
1571982-2 MACOM-1571982-2 Datasheet
2Mb / 30P
   Switches Core Program
147873-1 MACOM-147873-1 Datasheet
2Mb / 30P
   Switches Core Program
1-1825143-1 MACOM-1-1825143-1 Datasheet
2Mb / 30P
   Switches Core Program
logo
Renesas Technology Corp
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
logo
List of Unclassifed Man...
OP200 ETC1-OP200 Datasheet
545Kb / 42P
   Service Program Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com