Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6146AFRZ-TK Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6146AFRZ-TK
Description  Low Voltage OR-ing FET Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6146AFRZ-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6146AFRZ-TK Datasheet HTML 2Page - Intersil Corporation ISL6146AFRZ-TK Datasheet HTML 3Page - Intersil Corporation ISL6146AFRZ-TK Datasheet HTML 4Page - Intersil Corporation ISL6146AFRZ-TK Datasheet HTML 5Page - Intersil Corporation ISL6146AFRZ-TK Datasheet HTML 6Page - Intersil Corporation ISL6146AFRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL6146AFRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL6146AFRZ-TK Datasheet HTML 9Page - Intersil Corporation ISL6146AFRZ-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISL6146
6
FN7667.4
April 26, 2013
Absolute Maximum Ratings
Thermal Information
BIAS, VIN, VOUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +24V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 40V
EN, EN, UVLO, OVP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +24V
ADJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VOUT
FAULT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VOUT
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 250V
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
MSOP Package (Notes 4, 7) . . . . . . . . . . . .
140
41
DFN Package (Notes 5, 6) . . . . . . . . . . . . . .
46
5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Bias Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3V to +20V
OR’d Supply Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1V to BIAS
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For
θJC, the “case temp” location is taken at the package top center
Electrical Specifications VCC = BIAS = 12V, unless otherwise stated. TA = +25°C to +85°C. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
SYMBOL
PARAMETERS
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
BIAS
PORL2H
POR Rising
BIAS Rising, GATE Rising
1.9
2.5
2.95
V
PORHYS
POR Hysteresis
189
mV
IBIAS_en_18
ISL6146A/B/D/E BIAS Current
BIAS, VIN = 18V, ADJ, VOUT = 16.98V, enabled
3.6
5
mA
IVIN_en_18
ISL6146A/B/D/E VIN Current
BIAS, VIN = 18V, ADJ, VOUT = 16.98V, enabled
25
40
µA
IVIN_en_18
ISL6146C VIN Current
VIN = 18V, ADJ, VOUT = 16.98V, enabled
3
4.5
mA
IVOUT_en_18
ISL6146A/B/D/E VOUT Current
BIAS, VIN = 18V, VOUT = 16.98V, enabled
14
20
µA
VOUT_en_18
ISL6146C VOUT Current
VIN = 18V, VOUT = 16.98V, enabled
400
500
µA
IBIAS_den_18 ISL6146A/B/D/E BIAS Current
BIAS, VIN = 18V, ADJ, VOUT = 16.98V, disabled
1.7
3
mA
IVIN_den_18
ISL6146A/B/D/E VIN Current
BIAS, VIN = 18V, ADJ, VOUT = 16.98V, disabled
27
37
µA
IVIN_den_18
ISL6146C VIN Current
VIN = 18V, ADJ, VOUT = 16.98V, disabled
1.3
1.5
mA
IVOUT_den_18 ISL6146A/B/D/E VOUT Current
BIAS, VIN = 18V, VOUT = 16.98V, disabled
14
20
µA
IVOUT_den_18 ISL6146C VOUT Current
VIN = 18V, VOUT = 16.98V, disabled
385
500
µA
tBIAS2GTE
BIAS to GATE Delay
BIAS > PORL2H to GATE Rising
150
210
µs
GATE
VGH_3
Charge Pump Voltage
VIN, BIAS = 3V VIN - VOUT > VFWD_VR
VIN+5V
VIN +7V
VIN+10.5V
V
VGH_12
Charge Pump Voltage
VIN, BIAS = 12V VIN - VOUT > VFWD_VR
VIN+9V VIN +10V VIN+17.5V
V
VGH_18
Charge Pump Voltage
VIN, BIAS = 18V VIN - VOUT > VFWD_VR
VIN+9V VIN +10V
VIN+18V
V
VGL
Low Voltage Level
VIN - VOUT < 0V
0
0.1
V
IPDL
Low Pull-Down Current
VIN = 12V, VOUT = 12.2V ADJ = 11V
5
8.4
13
mA
IPDH
High Pull-Down Current
VIN falling from 12V to 10V in 2µs
3.5
6.5
A
ttoff
Fast Turn-off Time
VIN = VBIAS = 12V, VGATE = 18V to 10V,
CGATE = 57nF
65
130
ns


Similar Part No. - ISL6146AFRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146AFRZ INTERSIL-ISL6146AFRZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
More results

Similar Description - ISL6146AFRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com