Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3F2-R4C4-M1-M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3F2-R4C4-M1-M
Description  Photoelectric Sensors E3F2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M1-M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3F2-R4C4-M1-M Datasheet HTML 1Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 2Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 3Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 4Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 5Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 6Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 7Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Photoelectric Sensors
E3F2
Ordering Information
■ DC-Switching Models
Housing Material: Plastic
Note: Shaded models are normally stocked.
Note: Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the
length of the cable (e.g. E3F2-R2RB4 2M or E3F2-R2RB4 5M). For other cable length please contact your OMRON sales representative.
Sensing method
Appearance
Connection
method
Sensing
distance
Model
PNP output
NPN output
Through-beam
Multi purpose
axial
pre-wired
7 m
E3F2-7B4
E3F2-7C4
M12 connector
E3F2-7B4-P1
E3F2-7C4-P1
- precision detection (*1)
- test input
pre-wired
10 m
E3F2-10B4
E3F2-10C4
M12 connector
E3F2-10B4-P1
E3F2-10C4-P1
Retro-
reflective
(incl. reflector
E39-R1 or
E39-R1S)
Non-polarizing
(without MSR function)
axial
pre-wired
0.1 - 2 m(*2) E3F2-R2B4
E3F2-R2C4
M12 connector
E3F2-R2B4-P1
E3F2-R2C4-P1
Polarizing
(with MSR
function)
Fixed
sensitivity
pre-wired
0.1 - 4 m(*3) E3F2-R4B4F
E3F2-R4C4F
M12 connector
E3F2-R4B4F-P1
E3F2-R4C4F-P1
Adjustable
sensitivity
pre-wired
E3F2-R4B4
E3F2-R4C4
M12 connector
E3F2-R4B4-P1
E3F2-R4C4-P1
Polarizing
(with MSR function)
radial
pre-wired
0.1 - 2 m(*2) E3F2-R2RB41
E3F2-R2RC41
M12 connector
E3F2-R2RB41-P1
E3F2-R2RC41-P1
Diffuse
reflective
Fixed sensitivity
Wide-beam characteristics
axial
pre-wired
0.1 m
E3F2-DS10B4-N
E3F2-DS10C4-N
M12 connector
E3F2-DS10B4-P1
E3F2-DS10C4-P1
Adjustable sensitivity
pre-wired
0.3 m
E3F2-DS30B4
E3F2-DS30C4
M12 connector
E3F2-DS30B4-P1
E3F2-DS30C4-P1
pre-wired
1 m
E3F2-D1B4
E3F2-D1C4
M12 connector
E3F2-D1B4-P1
E3F2-D1C4-P1
Adjustable sensitivity
radial
pre-wired
0.3 m
E3F2-DS30B41
E3F2-DS30C41
M12 connector
E3F2-DS30B41-P1
E3F2-DS30C41-P1
Background
suppression
Fixed sensing distance
axial
pre-wired
10 cm
E3F2-LS10B4
E3F2-LS10C4
M12 connector
E3F2-LS10B4-P1
E3F2-LS10C4-P1
*1) with slit E39-ES18
*2) with reflector E39-R1
*3) with reflector E39-R1S


Similar Part No. - E3F2-R4C4-M1-M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-R4B4 OMRON-E3F2-R4B4 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-R4B4-P1 OMRON-E3F2-R4B4-P1 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-R4B4F OMRON-E3F2-R4B4F Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-R4B4F-P1 OMRON-E3F2-R4B4F-P1 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
More results

Similar Description - E3F2-R4C4-M1-M

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com