Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2177 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2177
Description  25mW Stereo Cap-Free Headphone Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2177 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2177 Datasheet HTML 1Page - Anpec Electronics Coropration APA2177 Datasheet HTML 2Page - Anpec Electronics Coropration APA2177 Datasheet HTML 3Page - Anpec Electronics Coropration APA2177 Datasheet HTML 4Page - Anpec Electronics Coropration APA2177 Datasheet HTML 5Page - Anpec Electronics Coropration APA2177 Datasheet HTML 6Page - Anpec Electronics Coropration APA2177 Datasheet HTML 7Page - Anpec Electronics Coropration APA2177 Datasheet HTML 8Page - Anpec Electronics Coropration APA2177 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jul., 2012
APA2177
www.anpec.com.tw
2
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VPGND_GND
PGND to GND Voltage
-0.3 to 0.3
VDD
Supply Voltage (VDD to GND and SGND)
-0.3 to 6.0
HPVDD
Headphone Amplifier Supply Voltage (HPVDD to GND and
SGND)
-0.3 to 2.3
V/SDN
Input Voltage (/SDN to GND)
GND-0.3 to VDD+0.3
VGAIN
Input Voltage (GAIN to GND)
GND-0.3 to VDD+0.3
VHI-Z
Input Voltage (HI-Z to GND)
GND-0.3 to VDD+0.3
HPVSS
HPVSS to GND and SGND Voltage
-2.3 to 0.3
V
Pin Configuration
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
LIN-
(A4)
X
PIN A1
Date Code
Marking
LIN+
(B4)
RIN+
(C4)
RIN-
(D4)
LOUT
(A3)
HPVDD
(B3)
SGND
(C3)
ROUT
(D3)
VDD
(A2)
CPP
(B2)
HPVSS
(C2)
GAIN
(D2)
SDN
(A1)
GND
(B1)
CPN
(C1)
HI-Z
(D1)
APA2177
Package Code
HA: WLCSP-16
Operating Ambient Temperature Range
I : -40 to 85
o
C
Handling Code
TR : Tape & Reel
Assembly Material
Assembly Material
Handling Code
Temperature Range
Package Code
APA2177 HA :
A77
X
X - Date Code
G : Halogen and Lead Free Device


Similar Part No. - APA2177

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2177HAI-TRG ANPEC-APA2177HAI-TRG Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2177QBI-TRG ANPEC-APA2177QBI-TRG Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
More results

Similar Description - APA2177

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
   100mW Stereo Cap-Free Headphone Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
   270mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2174 ANPEC-APA2174 Datasheet
417Kb / 21P
   Stereo Cap-Free Line Driver
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
   Stereo Cap-Free Line Driver
logo
Texas Instruments
TPA6139A2 TI1-TPA6139A2_16 Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com