Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2174 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2174
Description  Stereo Cap-Free Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2174 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2174 Datasheet HTML 2Page - Anpec Electronics Coropration APA2174 Datasheet HTML 3Page - Anpec Electronics Coropration APA2174 Datasheet HTML 4Page - Anpec Electronics Coropration APA2174 Datasheet HTML 5Page - Anpec Electronics Coropration APA2174 Datasheet HTML 6Page - Anpec Electronics Coropration APA2174 Datasheet HTML 7Page - Anpec Electronics Coropration APA2174 Datasheet HTML 8Page - Anpec Electronics Coropration APA2174 Datasheet HTML 9Page - Anpec Electronics Coropration APA2174 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Dec., 2011
www.anpec.com.tw
6
APA2174
Typical Operating Characteristics (Cont.)
Output Noise Voltage vs. Frequency
Frequency (Hz)
Left channel
Right channel
V
DD=3.3V
R
L=100kΩ
A
V=-1V/V
C
i=1µF
A-Weighting
1
µ
50
µ
10
µ
20
20k
100
1k
10k
Output Noise Voltage vs. Frequency
Frequency (Hz)
Left channel
Right channel
V
DD=3.3V
R
L=600Ω
A
V=-1V/V
C
i=1µF
A-Weighting
1
µ
50
µ
10
µ
20
20k
100
1k
10k
Frequency Response
Frequency (Hz)
V
DD=3.3V
Av=-1V/V
R
L=600Ω
C
i=1µF
Phase
Gain
-3
+1
-2
-1
+0
10
200k
100
1k
10k
+140
+220
+160
+180
+200
Frequency Response
Frequency (Hz)
V
DD=3.3V
Av=-1V/V
R
L=100kΩ
C
i=1µF
Phase
Gain
-3
+1
-2
-1
+0
10
200k
100
1k
10k
+140
+220
+160
+180
+200
Frequency (Hz)
PSRR vs. Frequency
V
DD=3.3V
R
L=600Ω
A
V=-1V/V
C
i=1µF
V
rr=0.1Vrms
Left channel
Right channel
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
Frequency (Hz)
PSRR vs. Frequency
V
DD=3.3V
R
L=100kΩ
A
V=-1V/V
C
i=1µF
V
rr=0.1Vrms
Left channel
Right channel
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k


Similar Part No. - APA2174

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2171 ANPEC-APA2171 Datasheet
376Kb / 21P
   Stereo, Differential Input Cap-Free Line Driver
APA2171KI-TRG ANPEC-APA2171KI-TRG Datasheet
376Kb / 21P
   Stereo, Differential Input Cap-Free Line Driver
APA2171OI-TRG ANPEC-APA2171OI-TRG Datasheet
376Kb / 21P
   Stereo, Differential Input Cap-Free Line Driver
APA2172 ANPEC-APA2172 Datasheet
417Kb / 22P
   Stereo, Differential Input Cap-Free Line Driver
APA2172KI-TRG ANPEC-APA2172KI-TRG Datasheet
417Kb / 22P
   Stereo, Differential Input Cap-Free Line Driver
More results

Similar Description - APA2174

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
   Stereo Cap-Free Line Driver
APA2171 ANPEC-APA2171 Datasheet
376Kb / 21P
   Stereo, Differential Input Cap-Free Line Driver
logo
TECHCODE SEMICONDUCTOR,...
TD9722 TECHCODE-TD9722 Datasheet
1Mb / 21P
   Stereo, Differential Input Cap-Free Line Driver
logo
Anpec Electronics Corop...
APA2172 ANPEC-APA2172 Datasheet
417Kb / 22P
   Stereo, Differential Input Cap-Free Line Driver
logo
TECHCODE SEMICONDUCTOR,...
TD9721 TECHCODE-TD9721 Datasheet
1Mb / 19P
   Stereo, Differential Input Cap-Free Line Driver
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
   100mW Stereo Cap-Free Headphone Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
   270mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
   Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com