Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2071 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APA2071
Description  Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2071 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APA2071 Datasheet HTML 6Page - Anpec Electronics Coropration APA2071 Datasheet HTML 7Page - Anpec Electronics Coropration APA2071 Datasheet HTML 8Page - Anpec Electronics Coropration APA2071 Datasheet HTML 9Page - Anpec Electronics Coropration APA2071 Datasheet HTML 10Page - Anpec Electronics Coropration APA2071 Datasheet HTML 11Page - Anpec Electronics Coropration APA2071 Datasheet HTML 12Page - Anpec Electronics Coropration APA2071 Datasheet HTML 13Page - Anpec Electronics Coropration APA2071 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Nov., 2008
APA2071
www.anpec.com.tw
10
Typical Operating Characteristics (Cont.)
Mute Attenuation vs. Frequency
Shutdown Attenuation vs. Frequency
Frequency (Hz)
Frequency (Hz)
PSRR vs. Frequency
Frequency (Hz)
PSRR vs. Frequency
Frequency (Hz)
Output Noise Voltage vs. Frequency
Output Noise Voltage vs. Frequency
Frequency (Hz)
Frequency (Hz)
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
V
DD=5V
R
L=4Ω
V
IN=200mV
A
V=18dB
BTL Mode
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
V
DD=5V
R
L=32Ω
V
IN=200mV
A
V=12dB
SE Mode
1
µ
100
µ
10
µ
20
µ
20
20k
100
1k
10k
V
DD=5V
A
V=6dB
R
L=4Ω
BTL Mode
A-weighting
Filter BW<22kHz
1
µ
100
µ
10
µ
20
µ
20
20k
100
1k
10k
Filter BW<22kHz
A-weighting
V
DD=5V
A
V=0dB
R
L=32Ω
SE Mode
-130
+0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
V
DD=5V
R
L=8Ω
V
IN=1Vrms
A
V=6dB
BTL Mode
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
V
DD=5V
R
L=8Ω
V
IN=1Vrms
A
V=6dB
BTL Mode


Similar Part No. - APA2071

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071I-TUG ANPEC-APA2071I-TUG Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071I-TUL ANPEC-APA2071I-TUL Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
More results

Similar Description - APA2071

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Texas Instruments
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com