Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2070 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2070
Description  Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2070 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2070 Datasheet HTML 1Page - Anpec Electronics Coropration APA2070 Datasheet HTML 2Page - Anpec Electronics Coropration APA2070 Datasheet HTML 3Page - Anpec Electronics Coropration APA2070 Datasheet HTML 4Page - Anpec Electronics Coropration APA2070 Datasheet HTML 5Page - Anpec Electronics Coropration APA2070 Datasheet HTML 6Page - Anpec Electronics Coropration APA2070 Datasheet HTML 7Page - Anpec Electronics Coropration APA2070 Datasheet HTML 8Page - Anpec Electronics Coropration APA2070 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APA2070
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (VDD to GND)
-0.3 to 6
V
Input Voltage
(SE/BTL, SHUTDOWN, VOLUME, RINN, LINN to GND)
-0.3 to VDD+ 0.3
V
Output Voltage (LOUTN, LOUTP, ROUTP, ROUTN to GND)
-0.3 to VDD+ 0.3
V
TA
Operating Ambient Temperature Range
-40 to 85
οC
TJ
Maximum Junction Temperature
150
οC
TSTG
Storage Temperature Range
-65 to +150
οC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
οC
PD
Power Dissipation
Internally Limited
W
Pin Configuration
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APA2070
Handling Code
Temperature Range
Package Code
APA2070 J :
APA2070
XXXXX
XXXXX - Date Code
Assembly Material
Package Code
J : DIP-16 / DIP-16A
Operating Ambient Temperature Range
I : - 40 to 85 oC
Handling Code
TU : Tube
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
GND 5
GND 4
13 GND
SE/BTL 8
15 VDD
LINN 6
12 GND
RINN 3
14 ROUTP
BYPASS 2
16 ROUTN
11 LOUTP
10 VDD
VOLUME 7
SHUTDOWN 1
9 LOUTN
APA2070


Similar Part No. - APA2070

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071I-TUG ANPEC-APA2071I-TUG Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071I-TUL ANPEC-APA2071I-TUL Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071JI-TUG ANPEC-APA2071JI-TUG Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
More results

Similar Description - APA2070

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com