Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1117A-50CY Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1117A-50CY
Description  1A Low Dropout Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117A-50CY Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC1117A-50CY Datasheet HTML 1Page - Analog Intergrations Corporation AIC1117A-50CY Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117A-50CY Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117A-50CY Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117A-50CY Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117A-50CY Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117A-50CY Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117A-50CY Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AIC1117A
7
n PHYSICAL DIMENSIONS
l TO-220 (unit: mm)
SYMBOL
MIN
MAX
A
3.56
4.82
D
14.23
16.51
E
9.66
10.66
e
2.29
2.79
e1
0.50
1.15
e2
-
1.10
F
0.51
1.39
J1
2.04
2.92
L
12.70
14.73
E
D
e1
e
A
F
L
J1
e2
l TO-252 (unit: mm)
SYMBOL
MIN
MAX
A
2.19
2.38
A1
1.02
1.27
b
0.64
0.88
b2
5.21
5.46
C1
0.46
0.58
D
5.33
5.59
E
6.35
6.73
e
2.28 (TYP.)
H
9.40
10.42
E
b2
A
C1
A1
H
D
L
b
e
L
0.51
-


Similar Part No. - AIC1117A-50CY

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117A-18 AIC-AIC1117A-18 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A-25 AIC-AIC1117A-25 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A-33 AIC-AIC1117A-33 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
More results

Similar Description - AIC1117A-50CY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117_10 Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com