Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2069 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2069
Description  Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2069 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2069_11 Datasheet HTML 1Page - Anpec Electronics Coropration APA2069_11 Datasheet HTML 2Page - Anpec Electronics Coropration APA2069_11 Datasheet HTML 3Page - Anpec Electronics Coropration APA2069_11 Datasheet HTML 4Page - Anpec Electronics Coropration APA2069_11 Datasheet HTML 5Page - Anpec Electronics Coropration APA2069_11 Datasheet HTML 6Page - Anpec Electronics Coropration APA2069_11 Datasheet HTML 7Page - Anpec Electronics Coropration APA2069_11 Datasheet HTML 8Page - Anpec Electronics Coropration APA2069_11 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Jul., 2011
APA2069
www.anpec.com.tw
3
APA2069
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SE/BTL=0V
-
9
20
IDD
Supply Current
SE/BTL=5V
-
4
10
mA
ISD
Supply Current in Shutdown Mode
SE/BTL=0V
SHUTDOWN=0V
-
1
-
µA
IIH
High Input Current
-
900
-
nA
IIL
Low Input Current
-
900
-
nA
VOS
Output Offset Voltage
-
5
-
mV
Operating Characteristics, BTL mode. VDD=5V, TA=25
OC, R
L=4
Ω, A
V=6dB (unless otherwise noted)
APA2069
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
THD+N=10%, RL=3
Ω, f
in=1kHz
-
2.9
-
THD+N =10%, RL=4
Ω, f
in=1kHz
-
2.6
-
THD+N =10%, RL=8
Ω, f
in=1kHz
-
1.6
-
THD+N =1%, RL=3
Ω, f
in=1kHz
-
2.4
-
THD+N =1%, RL=4
Ω, f
in=1kHz
-
2
-
PO
Maximum Output Power
THD+N =0.5%, RL=8
Ω, f
in=1kHz
1
1.3
-
W
PO=1.2W, RL=4
Ω, f
in=1kHz
-
0.07
-
THD+N
Total Harmonic Distortion Plus Noise
PO=0.9W, RL=8
Ω, f
in=1kHz
-
0.08
-
%
PSRR
Power Ripple Rejection Ratio
VIN=0.1Vrms, RL=8
Ω, C
B=1
µF, f
in=120Hz
-
60
-
dB
Crosstalk
Channel Separation
CB=1
µF, R
L=8
Ω, f
in=1kHz
-
90
-
dB
S/N
Signal to Noise Ratio
PO=1.1W, RL=8
Ω, A_weighting
-
95
-
dB
V
DD=5V, TA=25°C (unless otherwise noted)
Electrical Characteristics
APA2069
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
THD+N=10%, RL=16
Ω, f
in=1kHz
-
220
-
THD+N =10%, RL=32
Ω, f
in=1kHz
-
120
-
THD+N =1%, RL=16
Ω, f
in=1kHz
-
160
-
PO
Maximum Output Power
THD+N =1%, RL=32
Ω, f
in=1kHz
-
95
-
mW
PO=125mW, RL=16
Ω, f
in=1kHz
-
0.09
-
THD+N
Total Harmonic Distortion Plus Noise
PO=65mW, RL=32
Ω, f
in=1kHz
-
0.09
-
%
PSRR
Power Ripple Rejection Ratio
VIN=0.1Vrms, RL=32
Ω, C
B=1
µF, f
in=120Hz
-
60
-
dB
Crosstalk
Channel Separation
CB=1
µF, R
L=32
Ω, f
in=1kHz
-
60
-
dB
S/N
Signal to Noise Ratio
PO=75mW, SE, RL=32
Ω, A_weighting
-
100
-
dB
Operating Characteristics, SE mode. V
DD=5V, TA=25°C, AV=0dB (unless otherwise noted)


Similar Part No. - APA2069_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2069J-TU ANPEC-APA2069J-TU Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069J-TUL ANPEC-APA2069J-TUL Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069JI-TU ANPEC-APA2069JI-TU Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069JI-TUL ANPEC-APA2069JI-TUL Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2069_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com