Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPBLPN030PAUNV Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # NPBLPN030PAUNV
Description  Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

NPBLPN030PAUNV Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

  NPBLPN030PAUNV Datasheet HTML 1Page - Honeywell Solid State Electronics Center NPBLPN030PAUNV Datasheet HTML 2Page - Honeywell Solid State Electronics Center NPBLPN030PAUNV Datasheet HTML 3Page - Honeywell Solid State Electronics Center NPBLPN030PAUNV Datasheet HTML 4Page - Honeywell Solid State Electronics Center NPBLPN030PAUNV Datasheet HTML 5Page - Honeywell Solid State Electronics Center NPBLPN030PAUNV Datasheet HTML 6Page - Honeywell Solid State Electronics Center NPBLPN030PAUNV Datasheet HTML 7Page - Honeywell Solid State Electronics Center NPBLPN030PAUNV Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.honeywell.com/sensing
Figure 4. Leadless SMT Package Dimensional Drawings (For reference only: mm [in])
AN: Single axial barbed port
7,00
[0.276]
3,50
[0.138]
3,50
[0.138]
3,56
[0.140]
3,84 MAX.
[0.151]
10,94 MAX.
[0.430]
Ø 2,32
[0.091]
Ø 1,91
[0.075]
Ø 2,74
[0.108]
Ø 6,50
[0.256]
7,00
[0.276]
1,02
[0.040]
2,50 TYP.
[0.098]
1.00
[0.039]
3
2
1
4
5
6
PAD 1
Recommended PCB Pad
Layout
1,27
[0.050]
2,54
[0.100]
2,54
[0.100]
7,62
[0.300]
LN: Single axial barbless port
7,00
[0.276]
Ø 6,50
[0.256]
1,02
[0.040]
10,94 MAX.
[0.430]
3,84 MAX.
[0.151]
5,84
[0.230]
Ø 3,18
[0.125]
3,50
[0.138]
3,50
[0.138]
7,00
[0.276]
2,50 TYP.
[0.098]
1.00
[0.039]
3
2
1
4
5
6
PAD 1
PN: Low-profile port
7,00
[0.276]
3,84 MAX.
[0.151]
Ø 6,50
[0.256]
1,02
[0.040]
7,00
[0.276]
3,50
[0.138]
3,50
[0.138]
2,50 TYP.
[0.098]
1.00
[0.039]
3
2
1
4
5
6
PAD 1


Similar Part No. - NPBLPN030PAUNV

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPB-120 MEANWELL-NPB-120 Datasheet
961Kb / 6P
   120W Compact Size and Wide Output Range Charger
NPB-120 MEANWELL-NPB-120 Datasheet
496Kb / 7P
   120W Compact Size and Wide Output Range Charger
2022-08-31
NPB-120-12 MEANWELL-NPB-120-12 Datasheet
496Kb / 7P
   120W Compact Size and Wide Output Range Charger
2022-08-31
NPB-120-12AD1 MEANWELL-NPB-120-12AD1 Datasheet
961Kb / 6P
   120W Compact Size and Wide Output Range Charger
NPB-120-12AD1 MEANWELL-NPB-120-12AD1 Datasheet
496Kb / 7P
   120W Compact Size and Wide Output Range Charger
2022-08-31
More results

Similar Description - NPBLPN030PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
logo
All Sensors Corporation
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com