Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1117A-33CY Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1117A-33CY
Description  1A Low Dropout Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117A-33CY Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1117A-33CY Datasheet HTML 1Page - Analog Intergrations Corporation AIC1117A-33CY Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117A-33CY Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117A-33CY Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117A-33CY Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117A-33CY Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117A-33CY Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117A-33CY Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AIC1117A
3
n ABSOLUTE MAXIMUM RATINS
VIN pin to ADJ/GND pin
...........................…… .......…… .......…………… ...................... 7V
Operating Junction Temperature Range
..................……… ...................... 0
°C ~ 125°C
Power Dissipation
…………………………………………………………… .Internally Limited
Thermal Resistance (Junction to Case)
TO-220 ……… ........…… ...………… ... 3
°C /W
TO-263 … ....…… ....……………………. 3
°C /W
SOT-223
… ....…… ..……… ..……… ..15
°C /W
TO-252
…………………………… ..12.5
°C /W
Thermal Resistance (Junction to Ambient) TO-220
… ....…… ....………………… 50
°C/W
(Assume no ambient airflow, no heatsink)
TO-263
… .....…… .....……………… ..60
°C/W
SOT-223
…………………………… ..155
°C/W
TO-252
…………………………… ..100
°C/W
Storage Temperature
Range
...............................………… ................. - 65
°C ~ 150°C
Lead Temperature (Soldering) 10 sec.
.....................……… ............……… ...… .......260
°C
n ELECTRICAL CHARACTERISTICS (V
IN=5V, TJ=25° C, IO=10mA, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage
TJ=25°C
0
°C≤T
J≤125°C
2.65V
≤V
IN≤ 7V
10mA
≤I
O≤ 1A
1.238
1.225
1.25
1.25
1.262
1.275
V
Output Voltage
AIC1117A-28, V
IN=5V
AIC1117A-33, V
IN=5V
AIC1117A-50, V
IN=7V
AIC1117A
0
°C≤T
J≤125°C
2.65V
≤V
IN≤ 7V
10mA
≤I
O≤ 1A
2.82
3.26
4.95
0.98V
N
2.85
3.30
5.00
V
N
2.88
3.33
5.05
1.02V
N
V
2.65
≤V
IN≤7V
TJ=25°C
0.015
0.2
Line Regulation
0
°C≤T
J≤125°C
0.035
0.2
%V
OUT


Similar Part No. - AIC1117A-33CY

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117A-33 AIC-AIC1117A-33 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
More results

Similar Description - AIC1117A-33CY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117_10 Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com