Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1084-18CMA Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1084-18CMA
Description  5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1084-18CMA Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1084-18CMA Datasheet HTML 1Page - Analog Intergrations Corporation AIC1084-18CMA Datasheet HTML 2Page - Analog Intergrations Corporation AIC1084-18CMA Datasheet HTML 3Page - Analog Intergrations Corporation AIC1084-18CMA Datasheet HTML 4Page - Analog Intergrations Corporation AIC1084-18CMA Datasheet HTML 5Page - Analog Intergrations Corporation AIC1084-18CMA Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AIC1084
2
n ORDERING INFORMATION
ORDER NUMBER
PIN CONFIGURATION
PACKAGING TYPE
E: TO-252
M: TO-263
T: TO-220
MA: TO-263AA
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
AIC1084CM
(TO-263)
2
3
1
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
AIC1084CE
(TO-252)
2
3
1
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
AIC1084CT
(TO-220)
1
2
3
AIC1084-XXCX
OUTPUT VOLTAGE
DEFAULT:
ADJ.
15:
1.5V
18:
1.8V
33:
3.3V
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
AIC1084CMA
(TO-263AA)
2
3
1
n ABSOLUTE MAXIMUM RATINGS
VIN pin to ADJ/GND pin
......................…… ...............……… .......................… ........... 7V
Operating Junction Temperature Range ..................…………… ...................... 0
°C~ 125°C
Storage Temperature Range
...............................……… .…… ................. - 65
°C ~ 150°C
Thermal Resistance Junction to Case
TO-252
………………………………… 15
°C/W
TO-263, TO263AA, TO-220.....……… ....
6
°C /W
Thermal Resistance Junction to Ambient
TO-252
………………………… ..… 100
°C/W
(Assume no ambient airflow, no heatsink)
TO-263
… .....…… .....…………… ... 60
°C /W
TO-263AA
… ..…… ..…… .....…… ... 60
°C /W
TO-220
… ....…… ....……………… .. 50
°C /W
Lead Temperature (Soldering) 10 sec.
.....................……… ..… ............…… ..… .......260
°C


Similar Part No. - AIC1084-18CMA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
   5A Low Dropout Positive Regulator
More results

Similar Description - AIC1084-18CMA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com