Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1567 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1567
Description  5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1567 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1567 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1567 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1567 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1567 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1567 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1567 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1567 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AIC1567
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reference and DAC
DACOUT Voltage Accuracy
VDAC=1.8V ~3.5V
-1.0
+1.0
%
Error Amplifier
DC Gain
76
dB
Gain-Bandwidth Product
GBW
11
MHz
Slew Rate
SR
6
V/
µS
Gate Driver
Upper Gate Source
RUGATE
8.0
12
Upper Gate Sink
RUGATE
5.5
10
Lower Gate Source
RLGATE
8.0
12
Lower Gate Sink
RLGATE
5.5
10
Protection
Over-Voltage Trip (VSEN/DACOUT)
106
115
125
%
OCSET Current Source
VOCSET=4.5VDC
IOCSET
170
200
230
µA
OVP Sourcing Current
VVSEN=5.5V, VOVP=0V
IOVP
30
mA
Soft Start Current
ISS
10
µA
Soft Start Sink Current under
Current Limit
VVSEN =VDAC, VOCSET=5.0V,
VPHASE =0V,
VFB=VDAC=50mV
130
µA
Soft Start Sink Current under
Hard Current Limit
VVSEN =0, VOCSET=5.0V,
VPHASE=0V, VFB=0V
65
mA
Power Good
Upper Threshold (VVSEN /VDAC )VVSEN Rising
106
114
%
Lower Threshold (VVSEN / VDAC )VVSEN Falling
84
94
%
Hysteresis (VVSEN / VDAC )
Upper and Lower Threshold
2
%
PGOOD Voltage Low
IPGOOD=5mA
VPGOOD
0.5
V
Linear Regulator
VLFB Feedback Voltage
1.18
1.21
1.24
V
VLFB Bias Current
40
nA
LIDRI Sourcing Current
10
mA
Current Limiting Threshold
10
20
30
mV


Similar Part No. - AIC1567

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CN AIC-AIC1562CN Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CS AIC-AIC1562CS Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1563 AIC-AIC1563 Datasheet
309Kb / 10P
   Versatile DC/DC Converter
AIC1563CN AIC-AIC1563CN Datasheet
309Kb / 10P
   Versatile DC/DC Converter
More results

Similar Description - AIC1567

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Analog Intergrations Co...
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
logo
Analog Intergrations Co...
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator
logo
Silicon Standard Corp.
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
logo
Analog Intergrations Co...
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
   4-bit DAC, Simple PWM Power Regulator With Linear Controller
logo
List of Unclassifed Man...
AT1604 ETC1-AT1604 Datasheet
162Kb / 2P
   5-Bit Synchronous-Rectifier PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com