Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2011AHAI-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # 2011AHAI-TRG
Description  2.8W Mono Class D Audio Power Amplifier with AGC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011AHAI-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button 2011AHAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration 2011AHAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration 2011AHAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration 2011AHAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration 2011AHAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration 2011AHAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration 2011AHAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration 2011AHAI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration 2011AHAI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
11
APA2011/2011A
Typical Operating Characteristics (Cont.)
0
1.2
1
2
0.1
1
Input Voltage (Vrms)
V
DD=5V
V
DR=4V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
TDFN-8
APA2011A Non-Clipping Function_TDFN
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
Supply Current vs. Supply Voltage
Supply Voltage (V)
No load
0
1
2
3
4
5 5.5
0
1
2
3
4
5
Shutdown Current vs. Supply Voltage
Supply Voltage (V)
No load
0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5 5.5
VDR vs. Output Power (8
Ω)
0
1
2
3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
VDR (V)
Typ
Max
Min
V
DD=5V
0
1.2
1
2
0.01
1
V
DD=5V
V
DR=4V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
WLCSP-9
Input Voltage (Vrms)
APA2011A Non-Clipping Function_WLCSP
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
0
1.6
1
2
0.1
1
V
DD=5V
V
DR=4.23V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
WLCSP-9
Input Voltage (Vrms)
APA2011A Non-Clipping Function_WLCSP
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15


Similar Part No. - 2011AHAI-TRG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2011A ETC2-2011A Datasheet
50Kb / 2P
   INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
More results

Similar Description - 2011AHAI-TRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
   2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Anpec Electronics Corop...
APA2605 ANPEC-APA2605 Datasheet
614Kb / 30P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
logo
Eutech Microelectronics...
EUA2045 EUTECH-EUA2045 Datasheet
1Mb / 1P
   Non-Clip, Low EMI, 2.8W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com