Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2011A Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # 2011A
Description  2.8W Mono Class D Audio Power Amplifier with AGC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011A Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  2011A Datasheet HTML 1Page - Anpec Electronics Coropration 2011A Datasheet HTML 2Page - Anpec Electronics Coropration 2011A Datasheet HTML 3Page - Anpec Electronics Coropration 2011A Datasheet HTML 4Page - Anpec Electronics Coropration 2011A Datasheet HTML 5Page - Anpec Electronics Coropration 2011A Datasheet HTML 6Page - Anpec Electronics Coropration 2011A Datasheet HTML 7Page - Anpec Electronics Coropration 2011A Datasheet HTML 8Page - Anpec Electronics Coropration 2011A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
2.8W Mono Class D Audio Power Amplifier with AGC
APA2011/2011A
Features
General Description
Applications
MobilPhones
Handset
PDAs
Portable Multimedia Device
Operating Voltage: 2.4V-5.5V
High Efficiencyup to 90%
SupplyCurrent
–I
DD=3mA at VDD=5V
–I
DD=2.5mA at VDD=3.6V
Low Shutdown Current
– I
DD=1µA at VDD=5V
Output Power
at 1% THD+N
– 1.3W, at V
DD=5V, RL=8Ω
– 0.6W, at V
DD=3.6V, RL=8Ω
– 2.0W, at V
DD=5V, RL=4Ω
– 1.0W, at V
DD=3.6V, RL=4Ω
at 10% THD+N
– 1.6W, at V
DD=5V, RL=8Ω
– 0.8W, at V
DD=3.6V, RL=8Ω
– 2.8W, at V
DD=5V, RL=4Ω (WLCSP-9)
– 2.4W, at V
DD=5V, RL=4Ω
– 1.2W, at V
DD=3.6V, RL=4Ω
APA2011 Dynamic Range Control (DRC) Provide
Maximum 15dB Control (2:1 Compression Ratio)
APA2011A Non-Clip Function can Provide Maxi-
mum 15dB Control (Gain Decreasing)
Less External Components Required
Fast Start-up Time (4ms)
High PSRR: 70dB at 217Hz
Thermal and Over-Current Protections
Space Saving Packages
WLCSP1.5x1.5-9 Bump, TDFN3x3-8
Lead Free and Green Devices Available
(RoHS Compliant)
Simplified Application Circuit
The APA2011/2011A is a mono, filter-free Class-D audio
amplifier available in WLCSP1.5x1.5-9 or TDFN3x3-8
package.
The default gains without the external input resistor is
27dB. Besides, the gain can be low down by external
input resistance. APA2011 provides an Dynamic-Range-
Control (DRC) function, and this function can low down
the dynamic range for large input signal. APA2011 can
provide maximun 15dB gain control. APA2011A can pro-
vide maximum 15dB gain decrease for non-clipping
function, and this function can avoid output signal clipping.
High PSRR and differential architecture provide increased
immunity to noise and RF rectification. In addition to these
features, a fast start-up time and small package size
make the APA2011/2011A an ideal choice for portable
devices.
The APA2011/2011A is capable of driving 1.6W at 5V or
0.8W at 3.6V into 8
Ω. It is also capable of driving 4Ω. The
APA2011/2011A is designed with a Class-D architecture
and operating with highly efficiency compared with Class-
AB amplifier. It’s suitable for power sensitive application,
such as battery-powered devices. The filter-free architec-
ture eliminates the output filter, reduces the external com-
ponent count, board area, and system costs, and simpli-
fies the design.
Moreover, the APA2011/2011A provides thermal and short
circuit protection.
APA2011/2011A
Audio Input
Signals
Audio
Speaker
INP
OUTP
INN
OUTN


Similar Part No. - 2011A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2011A ETC2-2011A Datasheet
50Kb / 2P
   INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
More results

Similar Description - 2011A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
   2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Anpec Electronics Corop...
APA2605 ANPEC-APA2605 Datasheet
614Kb / 30P
   2.8W Stereo Class-D Audio Power Amplifier
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
   2.8W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
logo
Eutech Microelectronics...
EUA2045 EUTECH-EUA2045 Datasheet
1Mb / 1P
   Non-Clip, Low EMI, 2.8W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com