Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1566 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1566
Description  4-bit DAC, Simple PWM Power Regulator With Linear Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1566 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1566 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1566 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1566 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1566 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1566 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1566 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1566 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AIC1566
5
BLOCK DIAGRAM
PWM
COMPARATOR
CURRENT SENSE AMP.
LINEAR AMP.
ERROR
AMP
CLN
VDAC
1.2V
CLP
COMP
FB
VLFB
LIDRI
OSCILLATOR
REFERENCE
VID0
VID3
VID2
VID1
4BITS
DAC
RT/OVP
PHASE
GND
BOOT
UGATE
OVER
CURRENT
VSEN
OCSET
SOFT
START
10
µA
4V
200
µA
CONTROL
LOGIC
OVP
POWER-ON
RESET
VCC
50%
POWER
GOOD
SS
90%
PGOOD
110%
115%
20mV
+
-
+
-
+
-
+
-
+
+
-
+
-
+
-
+
-
+
-
+
-


Similar Part No. - AIC1566

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CN AIC-AIC1562CN Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1562CS AIC-AIC1562CS Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
AIC1563 AIC-AIC1563 Datasheet
309Kb / 10P
   Versatile DC/DC Converter
AIC1563CN AIC-AIC1563CN Datasheet
309Kb / 10P
   Versatile DC/DC Converter
More results

Similar Description - AIC1566

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1568 AIC-AIC1568 Datasheet
252Kb / 7P
   4-bit DAC, Simple PWM Power Regulator
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Analog Intergrations Co...
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Silicon Standard Corp.
SS6568 SSC-SS6568 Datasheet
470Kb / 7P
   4-bit DAC, Step-Down PWM Power Controller
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
   4-Phase PWM Controller with 8-Bit DAC Code
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com