Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1085-33CT Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1085-33CT
Description  3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1085-33CT Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1085-33CT Datasheet HTML 1Page - Analog Intergrations Corporation AIC1085-33CT Datasheet HTML 2Page - Analog Intergrations Corporation AIC1085-33CT Datasheet HTML 3Page - Analog Intergrations Corporation AIC1085-33CT Datasheet HTML 4Page - Analog Intergrations Corporation AIC1085-33CT Datasheet HTML 5Page - Analog Intergrations Corporation AIC1085-33CT Datasheet HTML 6Page - Analog Intergrations Corporation AIC1085-33CT Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1085
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
SPEC NO: DS-1085-01 FEB 02, 01
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark,Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
3
n ELECTRICAL CHARACTERISTICS (V
IN=5V, TA=25° C, IO=10mA, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage (VOUT -VADJ)
AIC1085 (Adj.)
TA=25°C
1.238
1.25
1.262
V
Output Voltage
AIC1085-15 V
IN=5V
AIC1085-18 V
IN=5V
AIC1085-33 V
IN=5V
1.48
1.78
3.26
1.50
1.80
3.30
1.52
1.82
3.34
V
Line Regulation
Adj : 2.75V
≤ V
IN ≤5.25V
%
Fix : VOUT+1V≤ VIN ≤7V
T
A=25° C
0.015
0.2
Load Regulation
10mA < IO < 3A
TA=25°C
0.6
%
Dropout Voltage
∆V
OUT, ∆VREF =1%
10mA
≤ I
O ≤3A
0
°C ≤T
J ≤125°C
1.3
1.4
V
Current Limit
VIN = 5V
0
°C ≤T
J ≤125° C
3
4
A
Adjusted Pin Current (IADJ)
2.75V
≤ V
IN ≤ 7V
55
120
µA
Adjusted Pin Current Change
(
∆I
ADJ)
2.75V
≤ V
IN ≤ 7V
0
°C ≤T
J≤125° C
0.2
5
µA
Temperature Stability
IO=0.5A
0
°C ≤T
J≤ 125° C
0.5
%
Minimum Load Current
0
°C ≤T
J ≤125°C
5
10
mA
RMS Output Noise (% of VOUT)
10Hz
f 10KHz
0.003
%
Ripple Rejection Ratio
120Hz input ripple
COUT=25µF
(VIN-VOUT)=3V
60
72
dB


Similar Part No. - AIC1085-33CT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085_15 Datasheet
206Kb / 9P
   3A Low Dropout Positive Regulator
More results

Similar Description - AIC1085-33CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
    3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
   3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com