Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECL05US48 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECL05US48
Description  530 Watts ECL Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL05US48 Datasheet(HTML) 1 Page - XP Power Limited

  ECL05US48 Datasheet HTML 1Page - XP Power Limited ECL05US48 Datasheet HTML 2Page - XP Power Limited ECL05US48 Datasheet HTML 3Page - XP Power Limited ECL05US48 Datasheet HTML 4Page - XP Power Limited ECL05US48 Datasheet HTML 5Page - XP Power Limited ECL05US48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specification
530 Watts
Ultra Compact Size
Single, Dual & Triple Outputs
Open Frame PCB & Chassis Mount
Encapsulated PCB & Chassis Mount
<0.3 W No Load Input Power
Peak Load Capability
3 Year Warranty
ECL Series
Input
Input Voltage
• 85-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz
Input Current
• ECL05: 0.1 A rms, ECL10: 0.2 A rms
ECL15: 0.3 A rms, ECL25: 0.4 A rms
ECL30: 0.8 A rms at 230 VAC
Inrush Current
• 20 A at 115 VAC, 40 A at 230 VAC,
cold start at 25 °C
Earth Leakage Current
• Class II construction no earth
Power Factor
• EN61000-3-2, class A
No Load Input Power
• <0.3 W
Input Protection
• ECL05/10: Internal T1 A/250 VAC fuse
ECL15/25/30: Internal T2 A/250 VAC fuse
Output
Output Voltage
• See tables
Output Voltage Trim
• ±5% on output 1 only, on multiple output
versions, V2 & V3 will track by same
percentage, (not ‘-E’ or ‘-S’ versions)
Initial Set Accuracy
• ±1% for output 1,
±1% for output 2 of UD01 & UD02 versions,
±5% for output 2 & output 3 of other versions
Minimum Load
• Single output versions: none,
Multi output versions:
UD01 & UD02: 10% V1 & V2
UD03: 10% V1, 20% V2
UT02 & UT03: 10% V1, 20% V2 & V3
to meet regulation specifications
Start Up Delay
• 3 s max
Start Up Rise Time
• 14 ms max
Hold Up Time
• 16 ms typical for single output versions,
12 ms typical for multiple output versions,
at full load & 115 VAC
Line Regulation
• ±0.5% max for single output versions and
output 1 of multiple output versions,
±0.9% max for output 2 & output 3 of
multiple output versions
Load Regulation
• 1% max for single output versions,
for multiple output versions (see note 5)
Cross Regulation
• Multi output versions only (see note 5)
Transient Response
• 4% max deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• Single output versions:
3.3-5 V versions: 50 mV pk-pk,
12-15 V versions: 120 mV pk-pk,
24-48 V versions: 200 mV pk-pk,
Multiple output versions: 1% pk-pk on any
output, 20 MHz bandwidth
Overvoltage Protection
• 115-140% Vnom
Overload Protection
• Single output versions: ECL05/10/15:
120-150%, ECL25: 120-170% of total
power
Multiple output versions: 140-200% of
total power
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.05%/°C
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
Switching Frequency
• 70 kHz typical
Power Density
• ECL05: 2.25 W/In3 (PCB Mount version)
ECL10: 5.50 W/In3 (PCB Mount version)
ECL15: 5.30 W/In3 (PCB Mount version)
ECL25: 5.90 W/In3 (PCB Mount version)
ECL30: 7.10 W/In3 (PCB Mount version)
MTBF
• ECL05/10: >450 kHrs,
ECL15/25/30: >400 kHrs,
to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -20 °C to +70 °C, derate linearly from
100% at +50 °C to 50% at +70 °C
Cooling
• Convection-cooled
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Vibration
• 2 g, 10 Hz to 500 Hz, 10 mins/cycle,
60 mins each cycle
EMC & Safety
Emissions
• EN55022, level B conducted & radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 10 V/m 80% mod
Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3, Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 10 Vrms Perf Criteria A
Magnetic Fields
• EN61000-4-8, 10 A/m, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% for 10 ms,
60% for 100 ms, 100% for 5000 ms
Perf Criteria A, B, B
Safety Approvals
• IEC60950-1, EN60950-1, UL60950-1,
CSA22.2 No. 234 per cUL


Similar Part No. - ECL05US48

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ECL05US48 OMRON-ECL05US48 Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
XP Power Limited
ECL05US48 XPPOWER-ECL05US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US48 XPPOWER-ECL05US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US48 XPPOWER-ECL05US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US48 XPPOWER-ECL05US48 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com