Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMA4AT148 Datasheet(PDF) 3 Page - Rohm

Part # FMA4AT148
Description  PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA4AT148 Datasheet(HTML) 3 Page - Rohm

  FMA4AT148 Datasheet HTML 1Page - Rohm FMA4AT148 Datasheet HTML 2Page - Rohm FMA4AT148 Datasheet HTML 3Page - Rohm FMA4AT148 Datasheet HTML 4Page - Rohm FMA4AT148 Datasheet HTML 5Page - Rohm FMA4AT148 Datasheet HTML 6Page - Rohm FMA4AT148 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMA4 / UMA4N / FMA4A
lElectrical characteristic curves(Ta = 25°C)
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : V
BE (V)
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER
VOLTAGE : V
CE (V)
Fig.3 DC Current gain
vs. Collector Current
COLLECTOR CURRENT : I
C (mA)
Fig.4 Collector-emitter saturation voltage
vs. Collector Current
COLLECTOR CURRENT : I
C (mA)
-0.001
-0.01
-0.1
-1
-10
0
-0.5
-1
-1.5
-2
V
CE= -5V
Ta=100ºC
25ºC
-40ºC
0
-20
-40
-60
-80
-100
0
-5
-10
-250μA
0A
-300μA
-350μA
-400μA
-450μA
-500μA
-200μA
-100μA
I
B=
-150μA
-50μA
Ta=25ºC
3/6
2012.06 - Rev.B


Similar Part No. - FMA4AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA4A ROHM-FMA4A Datasheet
65Kb / 2P
   General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
65Kb / 3P
   General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
More results

Similar Description - FMA4AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB10T2R ROHM-EMB10T2R Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMB10AT110 ROHM-IMB10AT110 Datasheet
526Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMB2N ROHM-UMB2N_12 Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA5AT148 ROHM-FMA5AT148 Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA9AT148 ROHM-FMA9AT148 Datasheet
425Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com