Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECL05US03 Datasheet(PDF) 3 Page - XP Power Limited

Part # ECL05US03
Description  530 Watts ECL Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL05US03 Datasheet(HTML) 3 Page - XP Power Limited

  ECL05US03 Datasheet HTML 1Page - XP Power Limited ECL05US03 Datasheet HTML 2Page - XP Power Limited ECL05US03 Datasheet HTML 3Page - XP Power Limited ECL05US03 Datasheet HTML 4Page - XP Power Limited ECL05US03 Datasheet HTML 5Page - XP Power Limited ECL05US03 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Notes
ECL15
0.15
(3.8)
1.21
(30.7)
0.69
(17.5)
0.17
(4.4)
0.36
(9.1)
0.79
(20.1)
0.15
(3.9)
2.13
(54.1)
2.44
(62.0)
0.06
(1.6)
-Vo
+Vo
V Adj.
ACN
ACL
ø 0.07 (ø1.8)
ø 0.04 (ø1.0)
0.78
(20.0) max
1.04
(26.4)
0.39
(10.0)
0.27
(6.8)
0.09
(2.5)
3.30 (84.0)
2.54
(64.5)
4x ø 0.14
(4x ø 3.5)
1.36
(34.5)
1.00
(25.4)
ACN
ACL
-Vo
+Vo
0.44
(11.1)
2.95 (75.0)
TOP VIEW
0.69
(17.5)
0.50
(12.6)
1.31
(33.3)
0.79
(20.1)
0.11
(2.9)
2.13
(54.1)
0.21
(5.4)
2.56
(65.0)
-Vo
+Vo
ACL
ACN
TOP VIEW
V Adj.
3.10 (78.7)
2.80 (71.1)
4-0.12 (3.2)
0.15
(3.8)
0.78
(20.0) max
0.91
(23.1)
0.15
(3.8)
0.95
(24.1)
1.25
(31.7)
-Vo
+Vo
ACN
ACL
0.96
(24.4)
0.39
(10.0)
4x ø 0.04 (ø1.0)
Optional
DIN clip
Mechanical Details
Models and Ratings
Output
Power
Output
Voltage
Output Current
Efficiency
Model Number(2,3)
Nominal
Peak(1)
10 W
3.3 VDC
3.00 A
3.90 A
75%
ECL15US03†^
15 W
5.0 VDC
3.00 A
3.90 A
78%
ECL15US05†^
15 W
9.0 VDC
1.67 A
2.17 A
80%
ECL15US09†^
15 W
12.0 VDC
1.25 A
1.62 A
80%
ECL15US12†^
15 W
15.0 VDC
1.00 A
1.30 A
80%
ECL15US15†^
15 W
24.0 VDC
0.63 A
0.82 A
82%
ECL15US24†^
15 W
48.0 VDC
0.32 A
0.41 A
82%
ECL15US48†^
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’ for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
3. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’, e.g. ECL15US24-SD,
DIN rail mounting kit is available as a separate item, order code ECL15 DIN CLIP.
4. For medically-approved 15 W power supplies contact sales or see www.xppower.com for details of CU15-M series and VCP15 series.
1. All dimensions in inches (mm).
2. Weight: ECL15 P Version: 0.07 lbs (35 g)
T Version: 0.07 lbs (35 g)
E Version: 0.20 lbs (90 g)
S Version: 0.24 lbs (110 g)
3. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Mating Connectors (-T version only)
Input Connector: JST PHR-3
Output Connector: JST PHR-4
Crimps: SPH-002T-P0.5S
Cable harness with 300 mm wire available, order part no. ECL15 LOOM KIT
Notes
Open Frame
Chassis Mount (T)
Screw Terminal (S)
Encapsulated (E)
Open Frame
PCB Mount (P)
Available from Farnell & element14.
^ Available from Newark.


Similar Part No. - ECL05US03

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ECL05US03 OMRON-ECL05US03 Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
XP Power Limited
ECL05US03 XPPOWER-ECL05US03 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US03 XPPOWER-ECL05US03 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US03 XPPOWER-ECL05US03 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US03 XPPOWER-ECL05US03 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com