Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1562 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1562
Description  High-Efficiency, Bootstrapped DC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1562 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1562 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1562 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1562 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1562 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1562 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1562 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1562 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AIC1562
5
TYPICAL PERFORMANCE CHARACTERISTICS
CT, Oscillator Timing Capacitor (nF)
Output Switch ON-OFF Time vs. Oscillator Timing
Capacitor
0.1
1
10
100
ON TIME
VCC=5V
VIPK=VCC
PIN 5=GND
OFF TIME
0
5
10
15
20
0
0.4
0.8
1.2
1.8
2
VCC, Supply Voltage (V)
Standby Supply Current vs. Supply Voltage
CT=1nF
VIS=VCC
PIN 2=GND
Temperature (
°C)
0
10
20
30
40
50
60
70
80
1.2
1.22
1.24
1.26
1.28
1.3
VFB, Threshold Voltage vs Temperature
VCC=5V
CT=1nF
PIN 2=GND
Emitter Follower Configuration Output Switch
Saturation Voltage vs. Emitter Current
IE, Emitter Current Current (A)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VCC=5V
PIN 1, 7, 8= VCC
PIN 3, 5= GND
0
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
Temperature (
°C)
Common Emitter Configuration Output Switch
Saturation Voltage vs. Collector Current
VCC=5V
PIN 7=VCC
PIN 2, 3, 5=GND
Forced Beta = 20


Similar Part No. - AIC1562

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1563 AIC-AIC1563 Datasheet
309Kb / 10P
   Versatile DC/DC Converter
AIC1563CN AIC-AIC1563CN Datasheet
309Kb / 10P
   Versatile DC/DC Converter
AIC1563CS AIC-AIC1563CS Datasheet
309Kb / 10P
   Versatile DC/DC Converter
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
   4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1566CS AIC-AIC1566CS Datasheet
251Kb / 7P
   4-bit DAC, Simple PWM Power Regulator With Linear Controller
More results

Similar Description - AIC1562

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
Toshiba Semiconductor
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com