Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1527-0CN Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1527-0CN
Description  Quad USB High-Side Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1527-0CN Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1527-0CN Datasheet HTML 1Page - Analog Intergrations Corporation AIC1527-0CN Datasheet HTML 2Page - Analog Intergrations Corporation AIC1527-0CN Datasheet HTML 3Page - Analog Intergrations Corporation AIC1527-0CN Datasheet HTML 4Page - Analog Intergrations Corporation AIC1527-0CN Datasheet HTML 5Page - Analog Intergrations Corporation AIC1527-0CN Datasheet HTML 6Page - Analog Intergrations Corporation AIC1527-0CN Datasheet HTML 7Page - Analog Intergrations Corporation AIC1527-0CN Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AIC1527
Quad USB High-Side Power Switch
Analog Integrations Corporation 4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1527-00
May 31, 00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
• 110mΩ (5V Input) High-Side MOSFET Switch.
l
500mA Continuous Load Current per Channel.
l
220
µA Typical On-State Supply Current.
l
1
µA Typical Off-State Supply Current.
l
Current-Limit / Short Circuit Protection.
l
Thermal Shutdown Protection under Overcurrent
Condition.
l
Undervoltage Lockout Ensures that Switch is off at
Start Up.
l
Output can be Forced Higher than Input (Off-State).
l
Open-Drain Fault Flag.
l
Slow Turn ON and Fast Turn OFF.
l
Enable Active-High or Active-Low.
n APPLICATIONS
• USB Power Management.
l
Hot Plug-In Power Supplies.
l
Battery-Charger Circuit.
n DESCRIPTION
The AIC1527 is a quad high-side power switch for
self-powered and bus-powered Universal Serial
Bus (USB) applications. One high-side switch is a
MOSFET with 110m
Ω RDS(ON), which meets USB
voltage
drop
requirements
for
maximum
transmission wire length.
Multi-purpose
open-drain
fault
flag
output
indicates over-current limiting, thermal shutdown,
or undervoltage lockout for each channel. Output
current is typically limited to 1A, well below the 5A
safety requirement, and the thermal shutdown
function
independently controls each channel
under overcurrent condition.
Guaranteed minimum output rise time limits
inrush current during hot plug-in, minimizing EMI
and preventing the voltage at upstream port from
dropping excessively.
n TYPICAL APPLICATION CIRCUIT
4.50V to 5.25V
Upstream VBUS
100mA max
DATA
33µ F
5.0V
VCC
A
AIIC
C 1
1772222
OUT
IN
GND
+
1µF
C
IN
10µF
C
OUT
+
*
33µF, 16V Tantalum, or
100µF, 10V Electrolytic
Bold line indicate high- current traces
10K
10K
10K
10K
A
A IIC
C 11552277
GND
ON/OFF
OVERCURRENT
OVERCURRENT
ON/OFF
OVERCURRENT
OVERCURRENT
ON/OFF
ON/OFF
U
USSB
B C
Coonnttrroolllleerr
VIN
0.1µF
Bead
Ferrite
+
DATA
D+
D-
GND
VBUS
0 .01µF
33µF
*
+
DATA
D+
D-
GND
VBUS
0.01 µF
33µ F
*
+
DATA
D+
D-
GND
VBUS
0.01
µF
33µF
*
+
DATA
D+
D-
GND
VBUS
0.01µF
33µF
*
OUTA
GND 1
IN(A/B)
OUTB
CTLB
FLGB
FLGA
CTLA
OUTA
GND1
IN(A/B)
OUTB
CTLB
FLGB
FLGA
CTLA
D+
D-
GND
VBUS
0.1µF
+
4-Port Self-Powered Hub


Similar Part No. - AIC1527-0CN

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
More results

Similar Description - AIC1527-0CN

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Renesas Technology Corp
PD16874 RENESAS-PD16874_15 Datasheet
240Kb / 22P
   QUAD Pch HIGH-SIDE SWITCH FOR USB
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
   USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5523N RICOH-R5523N Datasheet
332Kb / 12P
   USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com