Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-381Z-TR1G Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-381Z-TR1G
Description  Low Distortion Attenuator RF PIN Diodes In Surface Mount SOD-323 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-381Z-TR1G Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-381Z-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-381Z-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-381Z-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-381Z-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-381Z-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.2
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4
2 +4/-2
L
M4
~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
H
+_
+_
+_
+_
+_
+_
2.3
0.8
0.9
Dimension in mm
Package Outline and Dimension
PCB Footprint
Device Orientation
Note: "K" represents package marking code
"?" represents date code
Top View
End View
8 mm
4 mm
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL


Similar Part No. - HSMP-381Z-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381Z-TR1G AVAGO-HSMP-381Z-TR1G Datasheet
168Kb / 5P
   2 Leads Surface Mount Package
More results

Similar Description - HSMP-381Z-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
   RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMP-386Z AVAGO-HSMP-386Z Datasheet
115Kb / 5P
   General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
logo
Broadcom Corporation.
HSMP-3810 BOARDCOM-HSMP-3810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3812 BOARDCOM-HSMP-3812 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-481B BOARDCOM-HSMP-481B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3814-TR1G AVAGO-HSMP-3814-TR1G Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-4810 BOARDCOM-HSMP-4810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381B BOARDCOM-HSMP-381B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-381X HP-HSMP-381X Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com