Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1085-33CM Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1085-33CM
Description  3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1085-33CM Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1085-33CM Datasheet HTML 1Page - Analog Intergrations Corporation AIC1085-33CM Datasheet HTML 2Page - Analog Intergrations Corporation AIC1085-33CM Datasheet HTML 3Page - Analog Intergrations Corporation AIC1085-33CM Datasheet HTML 4Page - Analog Intergrations Corporation AIC1085-33CM Datasheet HTML 5Page - Analog Intergrations Corporation AIC1085-33CM Datasheet HTML 6Page - Analog Intergrations Corporation AIC1085-33CM Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AIC1085
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
SPEC NO: DS-1085-01 FEB 02, 01
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark,Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
2
n ORDERING INFORMATION
ORDER NUMBER
PIN CONFIGURATION
PACKAGING TYPE
E: TO-252
M: TO-263
T: TO-220
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
AIC1085CT
(TO-220)
1
2
3
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
AIC1085CM
(TO-263)
2
3
1
FRONT VIEW
1: ADJ (GND)
2: VOUT (TAB)
3: VIN
AIC1085CE
(TO-252)
2
3
1
AIC1085-XXXX
TEMPERATURE RANGE
C: 0°C~70°C
OUTPUT VOLTAGE
DEFAULT:
ADJ.
15:
1.5V
18:
1.8V
33:
3.3V
n ABSOLUTE MAXIMUM RATINGS
Vin pin to ADJ/ GND pin .................
......…… ...............…………… .......................... 7V
Operating Junction Temperature Range
..................……… ...................... 0
°C~ 125
°C
Storage Temperature Range
...............................………… ................. - 65
°C ~ 150°C
Thermal Resistance Junction to Case
TO-252
…………………… .…………… 15
°C/W
TO-263, TO-220 ……….
...........……… ... 6
°C /W
Thermal Resistance Junction to Ambient
TO-252
………………………… ..… 100
°C/W
(Assume no ambient airflow, no heatsink) TO-263 ….
....…… .....…………… ... 60
°C /W
TO-220 ….
...…… ....……………… .. 50
°C /W
Lead Temperature (Soldering) 10 sec.
.....................……… ............…… ..… .......260
°C
n TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.


Similar Part No. - AIC1085-33CM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085_15 Datasheet
206Kb / 9P
   3A Low Dropout Positive Regulator
More results

Similar Description - AIC1085-33CM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
    3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
   3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com