Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0603A1R0BXYP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ0603A1R0BXYP
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603A1R0BXYP Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ0603A1R0BXYP Datasheet HTML 1Page - Vishay Siliconix VJ0603A1R0BXYP Datasheet HTML 2Page - Vishay Siliconix VJ0603A1R0BXYP Datasheet HTML 3Page - Vishay Siliconix VJ0603A1R0BXYP Datasheet HTML 4Page - Vishay Siliconix VJ0603A1R0BXYP Datasheet HTML 5Page - Vishay Siliconix VJ0603A1R0BXYP Datasheet HTML 6Page - Vishay Siliconix VJ0603A1R0BXYP Datasheet HTML 7Page - Vishay Siliconix VJ0603A1R0BXYP Datasheet HTML 8Page - Vishay Siliconix VJ0603A1R0BXYP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 07-Nov-13
3
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Detail rating see “Selection Chart”
(1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance.
Consult for questions: mlcc@vishay.com
(2) Not all values, see selection chart X7R size 0603, 0805 and 1206
(3) No 5 % tolerance for X5R
ORDERING INFORMATION
VJ0402
Y
101
J
X
Q
C
W1BC
SIZE
CODE
DIELECTRIC
CAPACITANCE
TOLERANCE
TERMINATION
VOLTAGE (1)
PACKAGING
PROCESS CODE
FOR BASIC
COMMODITY
0402
0603
0805
1206
1210
A = C0G
(NP0)
G = X5R
Y = X7R
V = Y5V
Two significant
digits followed
by the number
of zeros:
1R0 = 1.0 pF
101 = 100 pF
102 = 1000 pF
152 = 1500 pF
103 = 10 000 pF
104 = 100 000 pF
C0G (NP0)
Cap. < 10 pF:
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.50 pF
Cap.
 10 pF:
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
X5R/X7R
J = ± 5 % (2)(3)
K = ± 10 %
M = ± 20 %
Y5V
M = ± 20 %
Z = -20 %/
+80 %
X = Ni Barrier
100 % matte tin
S = 4 V
Y = 6.3 V
Q = 10 V
J = 16 V
X = 25 V
Z = 35 V
A = 50 V
B = 100 V
C = 7" reel/
paper tape
P = 13" reel/
paper tape
T = 7" reel/
plastic tape
R = 13" reel/
plastic tape


Similar Part No. - VJ0603A1R0BXYP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603A1R8BFAAT VISHAY-VJ0603A1R8BFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ0603A1R8BFAAT VISHAY-VJ0603A1R8BFAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
VJ0603A1R8BFXAT VISHAY-VJ0603A1R8BFXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ0603A1R8BFXAT VISHAY-VJ0603A1R8BFXAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
VJ0603A1R8BXAAT VISHAY-VJ0603A1R8BXAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
More results

Similar Description - VJ0603A1R0BXYP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com