Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0603G101CXSP Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VJ0603G101CXSP
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603G101CXSP Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VJ0603G101CXSP Datasheet HTML 4Page - Vishay Siliconix VJ0603G101CXSP Datasheet HTML 5Page - Vishay Siliconix VJ0603G101CXSP Datasheet HTML 6Page - Vishay Siliconix VJ0603G101CXSP Datasheet HTML 7Page - Vishay Siliconix VJ0603G101CXSP Datasheet HTML 8Page - Vishay Siliconix VJ0603G101CXSP Datasheet HTML 9Page - Vishay Siliconix VJ0603G101CXSP Datasheet HTML 10Page - Vishay Siliconix VJ0603G101CXSP Datasheet HTML 11Page - Vishay Siliconix VJ0603G101CXSP Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 07-Nov-13
8
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Letters indicate product thickness, see packaging quantities
(1) Not in 5 % (code “J”) tolerance
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ0402
VJ0603
VJ0805
SIZE CODE
0402
0603
0805
VOLTAGE (VDC)
10 V
16 V
25 V
50 V
100 V
10 V
16 V
25 V
50 V
100 V
10 V
16 V
25 V
50 V
100 V
VOLTAGE CODE
Q
J
X
A
B
Q
J
X
A
B
Q
J
X
A
B
CAP. CODE
CAP.
101
100 pF
N
N
N
N
S (1)
S (1)
S (1)
S (1)
S (1)
B (1)
B (1)
B (1)
B (1)
B (1)
121
120 pF
N
N
N
N
S (1)
S (1)
S (1)
S (1)
S (1)
B (1)
B (1)
B (1)
B (1)
B (1)
151
150 pF
N
N
N
N
S (1)
S (1)
S (1)
S (1)
S (1)
B (1)
B (1)
B (1)
B (1)
B (1)
181
180 pF
N
N
N
N
S (1)
S (1)
S (1)
S (1)
S (1)
B (1)
B (1)
B (1)
B (1)
B (1)
221
220 pF
N
N
N
N
S (1)
S (1)
S (1)
S (1)
S (1)
B (1)
B (1)
B (1)
B (1)
B (1)
271
270 pF
N
N
N
N
S (1)
S (1)
S (1)
S (1)
S (1)
B (1)
B (1)
B (1)
B (1)
B (1)
331
330 pF
N
N
N
N
S (1)
S (1)
S (1)
S (1)
S (1)
B (1)
B (1)
B (1)
B (1)
B (1)
391
390 pF
N
N
N
N
S (1)
S (1)
S (1)
S (1)
S (1)
B (1)
B (1)
B (1)
B (1)
B (1)
471
470 pF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
561
560 pF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
681
680 pF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
821
820 pF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
102
1.0 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
122
1.2 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
152
1.5 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
182
1.8 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
222
2.2 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
272
2.7 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
332
3.3 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
392
3.9 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
472
4.7 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
562
5.6 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
682
6.8 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
822
8.2 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
103
10 nF
N
N
N
N
S
S
S
S
S
B
B
B
B
B
123
12 nF
N
N
N
S
S
S
S
B
B
B
B
B
153
15 nF
N
N
N
S
S
S
S
B
B
B
B
B
183
18 nF
N
N
N
S
S
S
S
B
B
B
B
B
223
22 nF
N
N
N
S
S
S
S
B
B
B
B
B
273
27 nF
N
N
N
S
S
S
S
B
B
B
B
D
333
33 nF
N
N
N
S
S
S
X
B
B
B
B
D
393
39 nF
N
N
N
S
S
S
X
B
B
B
B
D
473
47 nF
N
N
N
S
S
S
X
B
B
B
B
D
563
56 nF
N
N
S
S
S
X
B
B
B
B
D
683
68 nF
N
N
S
S
S
X
B
B
B
B
D
823
82 nF
N
N
S
S
S
X
B
B
B
B
D
104
100 nF
N
N
N
S
S
S
X
B
B
B
B/D
D
124
120 nF
S
S
X
B
B
B
D
154
150 nF
S
S
X
D
D
D
D
184
180 nF
S
S
X
D
D
D
D
224
220 nF
N
S
S
X
D
D
D
D
274
270 nF
X
X
X
D
D
D
334
330 nF
X
X
X
D
D
D
I
394
390 nF
X
X
X
D
D
D
474
470 nF
X
X
X
D
D
D
I
564
560 nF
X
X
D
D
D
684
680 nF
X
X
D
D
D
824
820 nF
X
X
D
D
D
105
1.0 μF
X
X
X (1)
DD
D
I (1)
155
1.5 μF
II (1)
I (1)
225
2.2 μF
X (1)
III
335
3.3 μF
475
4.7 μF
I (1)
I (1)
685
6.8 μF
106
10 μF
I (1)
156
15 μF
226
22 μF
336
33 μF
476
47 μF
686
68 μF


Similar Part No. - VJ0603G101CXSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603G101FXSCW1BC VISHAY-VJ0603G101FXSCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0603G101FXSPW1BC VISHAY-VJ0603G101FXSPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0603G101FXYCW1BC VISHAY-VJ0603G101FXYCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0603G101FXYPW1BC VISHAY-VJ0603G101FXYPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0603G101GXSCW1BC VISHAY-VJ0603G101GXSCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
More results

Similar Description - VJ0603G101CXSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com