Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRO0300Z101001JN3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PRO0300Z101001JN3
Description  Power Metal Film Leaded Resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRO0300Z101001JN3 Datasheet(HTML) 5 Page - Vishay Siliconix

  PRO0300Z101001JN3 Datasheet HTML 1Page - Vishay Siliconix PRO0300Z101001JN3 Datasheet HTML 2Page - Vishay Siliconix PRO0300Z101001JN3 Datasheet HTML 3Page - Vishay Siliconix PRO0300Z101001JN3 Datasheet HTML 4Page - Vishay Siliconix PRO0300Z101001JN3 Datasheet HTML 5Page - Vishay Siliconix PRO0300Z101001JN3 Datasheet HTML 6Page - Vishay Siliconix PRO0300Z101001JN3 Datasheet HTML 7Page - Vishay Siliconix PRO0300Z101001JN3 Datasheet HTML 8Page - Vishay Siliconix PRO0300Z101001JN3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PR01/02/03
www.vishay.com
Vishay BCcomponents
Revision: 24-Jun-13
5
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
The nominal resistance and tolerance are marked on the
resistor using four or five colored bands in accordance with
IEC 60062, marking codes for resistors and capacitors.
OUTLINES
The length of the body (L1) is measured by inserting the
leads into holes of two identical gauge plates and moving
these plates parallel to each other until the resistor body is
clamped without deformation (IEC 60294).
MOUNTING
The resistors are suitable for processing on automatic
insertion equipment and cutting and bending machines.
Note
(1) Recommended minimum value.
FUNCTIONAL DESCRIPTION
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the E96/E24 series for resistors with a tolerance of ± 1 % or ± 5 %.
The values of the E96/E24 series are in accordance with IEC 60063.
FUNCTIONAL PERFORMANCE
PR01 Drift nomogram
PR02 Drift nomogram
PR03 Drift nomogram
Note
• The maximum permissible hot-spot temperature is 205 °C for
PR01, 220 °C for PR02 and 250 °C for PR03.
MASS PER UNIT
TYPE
MASS
(mg)
PR01 Cu 0.6 mm
212
PR01 FeCu 0.6 mm
207
PR02 Cu 0.8 mm
504
PR02 FeCu 0.6 mm
455
PR02 FeCu 0.8 mm
496
PR03 Cu 0.8 mm
1192
PR03 FeCu 0.6 mm
1079
PR03 FeCu 0.8 mm
1185
MOUNTING PITCH
TYPE
LEAD STYLE
PITCH
mm
e
PR01
Straight leads
12.5 (1)
5 (1)
Radial taped
4.8
2
Double kink large pitch
17.8
7
Double kink small pitch
12.5
5
PR02
Straight leads
15.0 (1)
6 (1)
Radial taped
4.8
2
Double kink large pitch
17.8
7
Double kink small pitch
15.0
6
PR03
Straight leads
23.0 (1)
9 (1)
Double kink large pitch
25.4
10
Double kink small pitch
20.0
8
1.00
0.75
0.50
0.25
P
(W)
amb = 40 °C
70 °C
100 °C
125 °C
155 °C
205 °C
m (°C)
ΔR
0.1 %
0.2
0.5
1.0
2.0
5.0
10
100
000
h
< 1
10
000
h
< 30
> 30
T
T
(W)
2.00
1.50
1.00
0.50
amb = 40 °C
70 °C
100 °C
125 °C
155 °C
220 °C
ΔR
100
000
h
< 1
10
5.0
2.0
1.0
0.5
0.2 0.1 %
m (°C)
< 39
> 39
10
000
h
1000
h
P
T
T
m (°C)
3.00
2.25
1.50
0.75
amb = 40 °C
100 °C
125 °C
155 °C
250 °C
ΔR
100
000
h
> 51
10
5.0
2.0
1.0
0.5
0.2 0.1 %
(W)
70 °C
≤ 51
< 1
10
000
h
1000
h
P
T
T


Similar Part No. - PRO0300Z101001JN3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
PRO-411 HONEYWELL-PRO-411 Datasheet
72Kb / 2P
   2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
186Kb / 4P
   Digital Alarm Communicator Transmitter
logo
rfsolutions.ltd
PRO-BLADE16 RFSOLUTIONS-PRO-BLADE16 Datasheet
2Mb / 7P
   Professional Radio Control
PRO-BLADE8 RFSOLUTIONS-PRO-BLADE8 Datasheet
526Kb / 6P
   Professional Radio Control
More results

Similar Description - PRO0300Z101001JN3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com