Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK1005HM601-W Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK1005HM601-W
Description  Multilayer Chip Bead Inductors (BK series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK1005HM601-W Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  BK1005HM601-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS
Multilayer Chip Bead Inductors (BK series)
BK1005HM601-T
Features
Item Summary
600Ω, 250mA, 0402
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Impedance
600Ω
Impedance Measuring Frequency
100MHz
Rated Current
250mA
DC Resistance (max)
0.5Ω
Temperature Range
-55℃ to 125℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1mm ±0.05
W
0.5mm ±0.05
T
0.5mm ±0.05
e
0.25mm ±0.10
Typical Characteristics Fig.
2013.12.09
1 / 1


Similar Part No. - BK1005HM601-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HM601-T TAIYO-YUDEN-BK1005HM601-T Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors (BK series)
BK1005HM601-TV TAIYO-YUDEN-BK1005HM601-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors for Automotive
BK1005HM601-TV TAIYO-YUDEN-BK1005HM601-TV Datasheet
276Kb / 2P
   Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM601-TV TAIYO-YUDEN-BK1005HM601-TV_V01 Datasheet
276Kb / 2P
   Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM601-T TAIYO-YUDEN-BK1005HM601-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK1005HM601-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS121-T TAIYO-YUDEN-BK1608HS121-T Datasheet
1Mb / 27P
   MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com