Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRO0300Z201001JN4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PRO0300Z201001JN4
Description  Power Metal Film Leaded Resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRO0300Z201001JN4 Datasheet(HTML) 2 Page - Vishay Siliconix

  PRO0300Z201001JN4 Datasheet HTML 1Page - Vishay Siliconix PRO0300Z201001JN4 Datasheet HTML 2Page - Vishay Siliconix PRO0300Z201001JN4 Datasheet HTML 3Page - Vishay Siliconix PRO0300Z201001JN4 Datasheet HTML 4Page - Vishay Siliconix PRO0300Z201001JN4 Datasheet HTML 5Page - Vishay Siliconix PRO0300Z201001JN4 Datasheet HTML 6Page - Vishay Siliconix PRO0300Z201001JN4 Datasheet HTML 7Page - Vishay Siliconix PRO0300Z201001JN4 Datasheet HTML 8Page - Vishay Siliconix PRO0300Z201001JN4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PR01/02/03
www.vishay.com
Vishay BCcomponents
Revision: 24-Jun-13
2
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The PART NUMBER is shown to facilitate the introduction of a unified part numbering system for ordering products.
(1) Please refer to table PACKAGING for details.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: PR02000201001JA100
MODEL/SIZE
VARIANT
WIRE
TYPES
TCR/MATERIAL
VALUE
TOLERANCE
PACKAGING (1)
SPECIAL
PR0100
PR0200
PR0300
0 = Neutral
Z = Value
overflow
(Special)
1 = Cu 0.6
2 = Cu 0.8
3 = FeCu 0.6
4 = FeCu 0.8
0 = Standard
3 digit value
1 digit multiplier
MULTIPLIER
F = ± 1 %
J = ± 5 %
N4
N3
A5
A1
AC
R5
R2
L1
DC
K1
B1
PC
The 2 digits
are used for
all special
parts.
00 = Standard
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
Product Description: PR02 5 % A1 1K0
PR02
5 %
A1
1K0
MODEL/SIZE
TOLERANCE
PACKAGING (1)
RESISTANCE VALUE
PR01
PR02
PR03
± 1 %
± 5 %
N4
N3
A5
A1
AC
R5
L1
DC
K1
B1
PC
R2
1K0 = 1 k
4K75 = 4.75 k
PACKAGING
MODEL
TAPING
AMMO PACK
REEL
BULK, DOUBLE KINK
PIECES
CODE
PIECES
CODE
PITCH
PIECES
CODE
PR01
Axial, 52 mm
Wire Cu 0.6 mm
and FeCu 0.6 mm
5000
A5
5000
R5
1000
A1
Radial
Wire Cu 0.6 mm
4000
N4
17.8 mm
Wire Cu 0.6 mm
or FeCu 0.6 mm
1000
L1
12.5 mm
Wire FeCu 0.6 mm
1000
K1
PR02
Axial, 52 mm
Wire Cu 0.8 mm
and FeCu 0.6 mm
1000
A1
5000
only with
Cu 0.8 mm
R5
Radial
Wire Cu 0.8 mm
and FeCu 0.6 mm
3000
only with
Cu 0.8 mm
N3
2000
only with
Cu 0.8 mm
R2
17.8 mm
Wire Cu 0.8 mm
and FeCu 0.6 mm
1000
L1
15.0 mm
only with FeCu 0.8 mm
Wire FeCu 0.6 mm
1000
B1
PR03
Axial, 63 mm
Wire Cu 0.8 mm
and FeCu 0.6 mm
500
AC
Radial
Wire Cu 0.8 mm
and FeCu 0.6 mm
25.4 mm
Wire Cu 0.8 mm
and FeCu 0.6 mm
500
DC
20 mm
Wire FeCu 0.8 mm
500
PC
20
0
R
P0
0
2
0
1
0
0
1
J
A
1
0
0


Similar Part No. - PRO0300Z201001JN4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
PRO-411 HONEYWELL-PRO-411 Datasheet
72Kb / 2P
   2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
186Kb / 4P
   Digital Alarm Communicator Transmitter
logo
rfsolutions.ltd
PRO-BLADE16 RFSOLUTIONS-PRO-BLADE16 Datasheet
2Mb / 7P
   Professional Radio Control
PRO-BLADE8 RFSOLUTIONS-PRO-BLADE8 Datasheet
526Kb / 6P
   Professional Radio Control
More results

Similar Description - PRO0300Z201001JN4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com