Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA1206D4641DP5 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MCA1206D4641DP5
Description  Professional Thin Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCA1206D4641DP5 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MCA1206D4641DP5 Datasheet HTML 2Page - Vishay Siliconix MCA1206D4641DP5 Datasheet HTML 3Page - Vishay Siliconix MCA1206D4641DP5 Datasheet HTML 4Page - Vishay Siliconix MCA1206D4641DP5 Datasheet HTML 5Page - Vishay Siliconix MCA1206D4641DP5 Datasheet HTML 6Page - Vishay Siliconix MCA1206D4641DP5 Datasheet HTML 7Page - Vishay Siliconix MCA1206D4641DP5 Datasheet HTML 8Page - Vishay Siliconix MCA1206D4641DP5 Datasheet HTML 9Page - Vishay Siliconix MCA1206D4641DP5 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
6
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1
W
10
100
100 µs
1 ms
10 ms
1 s
10 s
10 µs
100 ms
Pulse Duration
0.1
i
MCS 0402
MCT 0603
MCU 0805
MCA 1206
t
Continuous Pulse
Maximum pulse load, continuous pulses; applicable if
 P (
amb) and Û  Ûmax.;
for permissible resistance change equivalent to 8000 h operation in standard operation mode
P
1 kV
100 µs
1 ms
10 ms
1 s
10 s
10 µs
100 ms
100 V
10 V
Pulse Duration
i
t
MCS 0402
MCT 0603
MCU 0805
MCA 1206
Pulse Voltage
Maximum pulse voltage, single and continuous pulses; applicable if
max.;
for permissible resistance change equivalent to 8000 h operation in standard operation mode
P
ˆ
P
ˆ
100 V
1 kV
10 V
10 kV
Resistance Value
100
Ω
1 k
Ω
10 k
Ω
100 k
Ω
1 M
Ω
10
Ω
10 M
Ω
MCS 0402
MCT 0603
MCU 0805,
MCA 1206
R
1.2/50 Pulse
Pulse load rating in accordance with EN 60115-1 clause 4.27; 1.2 µs/50 µs; 5 pulses at 12 s interval;
for permissible resistance change ± (0.5 % R + 0.05
)


Similar Part No. - MCA1206D4641DP5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCA1206 VISHAY-MCA1206 Datasheet
632Kb / 2P
   Precision Thin Film Flat Chip Resistors
Revision 18-Dec-09
MCA1206 VISHAY-MCA1206 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCA1206 VISHAY-MCA1206 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCA1206 VISHAY-MCA1206 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCA1206 VISHAY-MCA1206 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Similar Description - MCA1206D4641DP5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C3320FE000 VISHAY-MCS04020C3320FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com