Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMB02070D5620FB3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MMB02070D5620FB3
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMB02070D5620FB3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MMB02070D5620FB3 Datasheet HTML 5Page - Vishay Siliconix MMB02070D5620FB3 Datasheet HTML 6Page - Vishay Siliconix MMB02070D5620FB3 Datasheet HTML 7Page - Vishay Siliconix MMB02070D5620FB3 Datasheet HTML 8Page - Vishay Siliconix MMB02070D5620FB3 Datasheet HTML 9Page - Vishay Siliconix MMB02070D5620FB3 Datasheet HTML 10Page - Vishay Siliconix MMB02070D5620FB3 Datasheet HTML 11Page - Vishay Siliconix MMB02070D5620FB3 Datasheet HTML 12Page - Vishay Siliconix MMB02070D5620FB3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Document Number: 28713
For technical questions, contact: melf@vishay.com
www.vishay.com
Revision: 05-Mar-12
23
MMU 0102, MMA 0204, MMB 0207 - Professional
Professional MELF Resistors
Vishay Beyschlag
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.27
-
Single pulse
high voltage
overload;
standard
operation
mode
Severity no. 4:
U = 10 x
2 x U
max.;
10 pulses
10 µs/700 µs
±
(0.25 % R +5 m)
Single pulse
high voltage
overload;
power
operation
mode
±
(0.5 % R +5 m)
4.37
-
Periodic
electric
overload;
standard
operation
mode
U =
2 x U
max.;
0.1 s on; 2.5 s off;
1000 cycles
±
(0.5 % R +5 m)
Periodic
electric
overload;
power
operation
mode
± (1 %
R +5 m
)
4.22
6 (Fc)
Vibration
Endurance by
sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
 1.5 mm or
 200 m/s2; 7.5 h
± (0.05 %
R +5 m
)±(0.1 % R +5 m)
4.40
-
Electrostatic
discharge
(Human Body
Model)
IEC 61340-3-1 (2);
3 pos. + 3 neg.
discharges
MMU 0102: 1.5 kV
MMA 0204: 2 kV
MMB 0207: 4 kV
± (0.5 %
R +50 m
)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (2)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY
CLASS 0.25
OR BETTER
STABILITY
CLASS 0.5
OR BETTER
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
Stability for
product types:
MMU 0102
10
 to 221k
1
 to < 10 
< 1
> 221 k
MMA 0204
10
 to 332 k
1
 to < 10 
< 1
> 332 k
MMB 0207
10
 to 1 M
1
 to < 10 
< 1
> 1 M
P
70 x R
15 x
P
70 x R


Similar Part No. - MMB02070D5620FB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMB02070D5620FB300 VISHAY-MMB02070D5620FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070D5620FB300 VISHAY-MMB02070D5620FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMB02070D5620FB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com