Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1521-0CO Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1521-0CO
Description  Single High-Side Power Switch With Control Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1521-0CO Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1521-0CO Datasheet HTML 1Page - Analog Intergrations Corporation AIC1521-0CO Datasheet HTML 2Page - Analog Intergrations Corporation AIC1521-0CO Datasheet HTML 3Page - Analog Intergrations Corporation AIC1521-0CO Datasheet HTML 4Page - Analog Intergrations Corporation AIC1521-0CO Datasheet HTML 5Page - Analog Intergrations Corporation AIC1521-0CO Datasheet HTML 6Page - Analog Intergrations Corporation AIC1521-0CO Datasheet HTML 7Page - Analog Intergrations Corporation AIC1521-0CO Datasheet HTML 8Page - Analog Intergrations Corporation AIC1521-0CO Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AIC1521
5
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Temperature (°C)
Output Rise Time vs. temperature
-40
-20
0
20
40
60
80
100
350
400
450
500
550
Temperature (°C)
Output Fall Time vs. Temperature
-40
-20
0
20
40
60
80
100
50
100
150
200
250
300
Supply Voltage (V)
CTL Threshold Voltage vs. Supply Voltage
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
1.0
1.2
1.4
1.6
1.8
2.0
2.2
CTL Rising
CTL Falling
Turn On Characteristic (35Ω, Loading)
100µF
No Cap
IOUT, 200mA/DIV
220µF
CTL
Turn On Rising Time (10Ω loading)
CTL
IOUT
VOUT
200mA/DIV
426µS
Turn Off Falling Time (10Ω Loading)
CTL
IOUT
VOUT
107nS
200mA/DIV


Similar Part No. - AIC1521-0CO

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1523 AIC-AIC1523 Datasheet
183Kb / 8P
   500mA Power Distribution Switch
AIC1523-0CO AIC-AIC1523-0CO Datasheet
183Kb / 8P
   500mA Power Distribution Switch
More results

Similar Description - AIC1521-0CO

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6521 SSC-SS6521 Datasheet
542Kb / 8P
   Single High-Side Power Switch With Control Function
logo
Sanken electric
SI-5151S SANKEN-SI-5151S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5152S SANKEN-SI-5152S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5155S SANKEN-SI-5155S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
logo
Sanken electric
SI-5154S SANKEN-SI-5154S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5153S SANKEN-SI-5153S Datasheet
27Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
logo
Torex Semiconductor
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
   Single High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com