Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL0603R000JEA18 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL0603R000JEA18
Description  Power Metal Strip Resistors, High Power Low Value, Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL0603R000JEA18 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL0603R000JEA18 Datasheet HTML 1Page - Vishay Siliconix WSL0603R000JEA18 Datasheet HTML 2Page - Vishay Siliconix WSL0603R000JEA18 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WSL...18 High Power
www.vishay.com
Vishay Dale
Revision: 09-Sep-11
1
Document Number: 31057
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors, High Power (2 x Standard WSL),
Low Value (Down to 0.0005
), Surface Mount
FEATURES
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instruments, power amplifiers
• Proprietary processing technique produces
extremely low resistance values (down to
0.0005
)
• Specially selected and stabilized materials
allow for high power ratings (2 x standard WSL
rating)
• All welded construction
• Solderable terminations
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Solid metal nickel-chrome or manganese-copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified available
• Compliant to RoHS Directive 2002/95/EC
Notes
* Pb containing terminations are not RoHS compliant, exemptions
may apply
** Please see document “Vishay Material Category Policy”:
www.vishay.com/doc?99902
Note
• Part marking: Value; tolerance: Due to resistor size limitations some resistors will be marked with only the resistance value.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
RESISTANCE VALUE RANGE
WEIGHT
(typical)
g/1000 pieces
Tol. ± 0.5 %
Tol. ± 1.0 %
WSL0603...18
0603
0.20
0.01 to 0.1
0.01 to 0.1
1.9
WSL0805...18
0805
0.25
0.005 to 0.2
0.005 to 0.2
4.8
WSL1206...18
1206
0.5
0.005 to 0.2
0.001 to 0.2
16.2
WSL2010...18
2010
1.0
0.004 to 0.5
0.001 to 0.5
38.9
WSL2512...18
2512
2.0
0.003 to 0.04
0.0005 to 0.04
63.6
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
± 400 for 0.5 m
 to 0.99 m, ± 275 for 1 m to 2.9 m, ± 150 for 3 m to 4.9 m
± 110 for 5 m
 to 6.9 m, ± 75 for 7 m to 0.5 
Operating temperature range
°C
- 65 to + 170
Maximum working voltage
V
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: WSL25124L000FTA18
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSL0603
WSL0805
WSL1206
WSL2010
WSL2512
L = m
*
R = Decimal
5L000 = 0.005
R0100 = 0.01
* Use “L” for resistance
values < 0.01
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
18 =
“High power”
option
TA = Tin/lead, tape/reel (R86)
TG = Tin/lead, tape/reel (RT1, for WSL0603 and WSL0805)
BA = Tin/lead, bulk (B43)
Historical Part Numbering example: WSL2512-18 0.004
 1 % R86
WSL2512-18
0.004
1 %
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
L2
5
1
4L0
2
WS
T
0
8
FA
0
1


Similar Part No. - WSL0603R000JEA18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL0603R000JEA99 VISHAY-WSL0603R000JEA99 Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 06-Jun-12
More results

Similar Description - WSL0603R000JEA18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0250FEA VISHAY-WSL2512R0250FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 06-Jun-12
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 29-Mar-05
WSR3R2000FEA VISHAY-WSR3R2000FEA Datasheet
89Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 17-Jan-13
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 31-Jul-08
WSH2818R0200FEA VISHAY-WSH2818R0200FEA Datasheet
295Kb / 3P
   Power Metal Strip Resistors, High Power (5 W) Low Value, Surface Mount
Revision: 08-Dec-10
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
Revision: 11-Sep-04
WSL2512R1500FTA VISHAY-WSL2512R1500FTA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL2512R3300FEA VISHAY-WSL2512R3300FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL1206R2500 VISHAY-WSL1206R2500 Datasheet
87Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 05-Mar-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com