Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1521 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1521
Description  Single High-Side Power Switch With Control Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1521 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1521 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1521 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AIC1521
4
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.5
10.0
10.5
11.0
11.5
12.0
Off-State Supply Current vs. Supply Voltage
Supply Voltage (V)
9.0
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
Off-State Supply Current vs. Temperature
Temperature (°C)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
100
105
110
115
120
125
130
Output On Resistance vs. Supply Voltage
Supply Voltage (V)
Temperature (°C)
-40
-20
0
20
40
60
80
100
80
90
100
110
120
130
140
150
Output On Resistance vs. Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Falling
Rising
UVLO Threshold Voltage vs. Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Current Limit Threshold vs. Temperature


Similar Part No. - AIC1521

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1523 AIC-AIC1523 Datasheet
183Kb / 8P
   500mA Power Distribution Switch
AIC1523-0CO AIC-AIC1523-0CO Datasheet
183Kb / 8P
   500mA Power Distribution Switch
More results

Similar Description - AIC1521

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6521 SSC-SS6521 Datasheet
542Kb / 8P
   Single High-Side Power Switch With Control Function
logo
Sanken electric
SI-5151S SANKEN-SI-5151S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5152S SANKEN-SI-5152S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5155S SANKEN-SI-5155S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
logo
Sanken electric
SI-5154S SANKEN-SI-5154S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5153S SANKEN-SI-5153S Datasheet
27Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
logo
Torex Semiconductor
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
   Single High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com