Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8049-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8049-H
Description  Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8049-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8049-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8049-H
2009-06-18
5
0
30
10
40
0
0
100
12
4
16
VDD = 48 V
VDS = 48 V
24
12
20
50
8
20
80
20
60
24
12
VGS
40
0
0.5
1
1.5
−80
−40
0
40
80
120
160
2
2.5
Ciss
Coss
Crss
10
0.1
100
1000
10000
1
10
100
VGS = 0 V
10
4.5
3
0
0.1
−0.2
10
100
−0.6
−0.8
−0.4
2
−1.2
1
1
−1.0
16
VGS = 10 V
VGS = 4.5 V
160
−40
0
40
80
120
−80
4
0
8
ID = 3.3, 6.5, 13 A
12
ID = 3.3, 6.5, 13 A
2
1.2
0
0
40
80
120
0.4
1.6
160
(1)
(2)
0.8
Drain-source voltage VDS (V)
Capacitance – VDS
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ambient temperature Ta (°C)
RDS (ON) – Ta
Common source
Pulse test
Ambient temperature Ta (°C)
Vth – Ta
Common source
VDS = 10 V
ID = 0.5 mA
Pulse test
Total gate charge Qg (nC)
Dynamic input/output
characteristics
Drain-source voltage VDS (V)
IDR – VDS
Common source
Ta
= 25°C
Pulse test
Common source
ID = 13 A
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
PD – Ta
(1) Device mounted on a glass-epoxy
board (a) (Note 2a)
(2) Device mounted on a glass-epoxy
board (b) (Note 2b)
t=10s


Similar Part No. - TPC8049-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8049-H TOSHIBA-TPC8049-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8049-H VBSEMI-TPC8049-H Datasheet
996Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - TPC8049-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com