Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSMB3940X01-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSMB3940X01-GS18
Description  High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMB3940X01-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSMB3940X01-GS18 Datasheet HTML 1Page - Vishay Siliconix VSMB3940X01-GS18 Datasheet HTML 2Page - Vishay Siliconix VSMB3940X01-GS18 Datasheet HTML 3Page - Vishay Siliconix VSMB3940X01-GS18 Datasheet HTML 4Page - Vishay Siliconix VSMB3940X01-GS18 Datasheet HTML 5Page - Vishay Siliconix VSMB3940X01-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 81894
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.5, 03-Mar-10
3
VSMB3940X01
High Speed Infrared Emitting Diode,
940 nm, GaAlAs Double Hetero
Vishay Semiconductors
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Forward Voltage vs. Ambient Temperature
Fig. 5 - Radiant Intensity vs. Forward Current
Fig. 6 - Relative Radiant Intensity vs. Ambient Temperature
Fig. 7 - Relative Radiant Power vs. Wavelength
Fig. 8 - Relative Radiant Intensity vs. Angular Displacement
1
10
100
1000
01
23
t
p = 100 µs
t
p/T= 0.001
VF - Forward Voltage (V)
21534
90
92
94
96
98
100
102
104
106
108
110
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
I
F = 100 mA
I
F = 10 mA
I
F = 1 mA
21443
t
p = 20 ms
0.1
1
10
100
1000
1
10
100
1000
21420
I
F - Forward Current (mA)
t
P = 0.1 ms
40
60
80
100
120
140
160
180
- 60
- 40 - 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
t
p = 20 ms
I
F = 1 mA
21444
I
F = 100 mA
0
10
20
30
40
50
60
70
80
90
100
840
880
920
960
1000
1040
λ - Wavelength (nm)
21445
I
F = 30 mA
0.4
0.2
0
94 8013
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


Similar Part No. - VSMB3940X01-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB3940X01-GS18 VISHAY-VSMB3940X01-GS18 Datasheet
876Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.7, 05-Dec-13
VSMB3940X01-GS18 VISHAY-VSMB3940X01-GS18 Datasheet
874Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - VSMB3940X01-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB1940X01 VISHAY-VSMB1940X01_V01 Datasheet
166Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB1940X01 VISHAY-VSMB1940X01_V02 Datasheet
165Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB1940ITX01 VISHAY-VSMB1940ITX01_V02 Datasheet
168Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB3940X01 VISHAY-VSMB3940X01_V02 Datasheet
874Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB1940X01 VISHAY-VSMB1940X01_16 Datasheet
167Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 30-Jun-16
VSMB1940X01 VISHAY-VSMB1940X01 Datasheet
142Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.4, 02-May-13
VSMB3940X01 VISHAY-VSMB3940X01 Datasheet
150Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.4, 06-Nov-09
VSMB1940ITX01 VISHAY-VSMB1940ITX01_V01 Datasheet
168Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB3940X01 VISHAY-VSMB3940X01_V01 Datasheet
874Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB3940X01 VISHAY-VSMB3940X01_13 Datasheet
876Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.7, 05-Dec-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com