Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1117ACE Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1117ACE
Description  1A Low Dropout Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117ACE Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1117ACE Datasheet HTML 1Page - Analog Intergrations Corporation AIC1117ACE Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117ACE Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117ACE Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117ACE Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117ACE Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117ACE Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117ACE Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AIC1117A
1A Low Dropout Positive Adjustable Regulator
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1117A-00
May 21, 01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Dropout Voltage 1.3V at 1A Output Current.
l
Fast Transient Response.
l
Line Regulation typically at 0.015%.
l
Load Regulation typically at 0.1%.
l
Internal Thermal and Current Limiting.
l
Adjustable Output Voltage or Fixed 2.85V, 3.3V,
5V.
l
Standard 3-Pin Power Packages.
n APPLICATIONS
l
Post Regulator for Switching Supply.
l
Active SCSI Termination.
l
Battery Chargers.
l
Constant-Current Regulators.
l
Motherboard Clock Supplies.
n DESCRIPTION
The AIC1117A is a low dropout three terminal
regulator with 1A output current capability. The
output voltage is adjustable with the use of a
resistor divider or fixed 2.85V, 3.3V, 5V. Dropout
is guaranteed at a maximum of 1.5V at
maximum output current. Its low dropout voltage
and fast transient response make it ideal for low
voltage microprocessor applications. Internal
current and thermal limiting provides protection
against any overload condition that would create
excessive junction temperatures.
n TYPICAL APPLICATION CIRCUIT
C2
10µF
VOUT
3.3V
VIN
5V
+
+
VREF
RF2
205Ω
1%
ADJ
AIC1117A
C1
10µF
2
3
1
RF1
125Ω
1%
V
REF=VOUT - VADJ=1.25V (typ.)
V
OUT=VREF x (1+RF2/RF1)+ IADJ x RF2
I
ADJ=55 µA (typ.)
(1) C1 needed if device is far away from filter
capacitors.
(2) C2 required for stability.
Adjustable Voltage Regulator
C2
10µF
VOUT
3.3V
VIN
5V
+
+
GND
C1
10µF
AIC1117A-33
Fixed Voltage Regulator


Similar Part No. - AIC1117ACE

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A-18 AIC-AIC1117A-18 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A-25 AIC-AIC1117A-25 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A-33 AIC-AIC1117A-33 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
More results

Similar Description - AIC1117ACE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117_10 Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com