Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30CTQ060PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-30CTQ060PBF
Description  Schottky Rectifier, 2 x 15 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30CTQ060PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-30CTQ060PBF Datasheet HTML 1Page - Vishay Siliconix VS-30CTQ060PBF Datasheet HTML 2Page - Vishay Siliconix VS-30CTQ060PBF Datasheet HTML 3Page - Vishay Siliconix VS-30CTQ060PBF Datasheet HTML 4Page - Vishay Siliconix VS-30CTQ060PBF Datasheet HTML 5Page - Vishay Siliconix VS-30CTQ060PBF Datasheet HTML 6Page - Vishay Siliconix VS-30CTQ060PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-30CTQ0...PbF Series, VS-30CTQ0...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Oct-11
3
Document Number: 94189
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
1
10
0
0.8
1.2
VFM - Forward Voltage Drop (V)
100
0.4
1.6
1000
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
2.0
0.1
1
10
100
0.01
0.001
0
VR - Reverse Voltage (V)
20
40
60
10
1000
30
50
T
J = 150 °C
T
J = 25 °C
T
J = 50 °C
T
J = 75 °C
T
J = 100 °C
T
J = 125 °C
1000
020
50
100
VR - Reverse Voltage (V)
T
J = 25 °C
10
30
40
60
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
100
Single pulse
(thermal resistance)
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
P
DM
t
1
t
2
10
0.001
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20


Similar Part No. - VS-30CTQ060PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
126Kb / 7P
   Schottky Rectifier
Revision: 11-Oct-11
VS-30CTQ060PbF VISHAY-VS-30CTQ060PbF Datasheet
169Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ060PbF VISHAY-VS-30CTQ060PbF Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
More results

Similar Description - VS-30CTQ060PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com