Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3844 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # UC3844
Description  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3844 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  UC3844 Datasheet HTML 1Page - Fairchild Semiconductor UC3844 Datasheet HTML 2Page - Fairchild Semiconductor UC3844 Datasheet HTML 3Page - Fairchild Semiconductor UC3844 Datasheet HTML 4Page - Fairchild Semiconductor UC3844 Datasheet HTML 5Page - Fairchild Semiconductor UC3844 Datasheet HTML 6Page - Fairchild Semiconductor UC3844 Datasheet HTML 7Page - Fairchild Semiconductor UC3844 Datasheet HTML 8Page - Fairchild Semiconductor UC3844 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UC3842/UC3843/UC3844/UC3845
4
Electrical Characteristics (Continued)
(VCC=15V, RT=10k
Ω, CT=3.3nF, TA= 0°C to +70°C, unless otherwise specified)
Adjust VCC above the start threshould before setting at 15V
Note:
1. Parameter measured at trip point of latch
2. Gain defined as:
3. These parameters, although guaranteed, are not 100 tested in production.
Figure 1. Open Loop Test Circuit
High peak currents associated with capacitive loads necessitate careful grounding techniques Timing and bypass capacitors
should be connected close to pin 5 in a single point ground. The transistor and 5k
Ω potentiometer are used to sample the
oscillator waveform and apply an adjustable ramp to pin 3.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
PWM SECTION
Max. Duty Cycle
D(Max)
UC3842/UC3843
95
97
100
%
D(Max)
UC3844/UC3845
47
48
50
%
Min. Duty Cycle
D(MIN)
-
--
0
%
TOTAL STANDBY CURRENT
Start-Up Current
IST
-
-0.45
1
mA
Operating Supply Current
ICC(OPR)
Vpin3=Vpin2=ON
-
14
17
mA
Zener Voltage
VZ
ICC = 25mA
30
38
-
V
A
∆V
pin1
∆V
pin3
------------------
=
UC3842
,0
≤ Vpin3 ≤ 0.8V


Similar Part No. - UC3844

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC3844 TI1-UC3844 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
ON Semiconductor
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Guangdong Youtai Semico...
UC3844 UMW-UC3844 Datasheet
874Kb / 7P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC3844 STMICROELECTRONICS-UC3844 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
More results

Similar Description - UC3844

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com