Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5238 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMSZ5238
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMSZ5238 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMSZ5238 Datasheet HTML 1Page - Vishay Siliconix MMSZ5238 Datasheet HTML 2Page - Vishay Siliconix MMSZ5238 Datasheet HTML 3Page - Vishay Siliconix MMSZ5238 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMSZ5225 to MMSZ5267
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 27-Feb-13
2
Document Number: 85774
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•Maximum VF = 0.9 V, at IF = 10 mA
(1) Measured with device junction in thermal equilibrium
(2) The Zener Impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10 % of the
Zener current (IZT1 or IZT2) is superimposed on IZT1 or IZT2. Zener Impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
LAEKAGE
CURRENT
DYNAMIC
RESISTANCE (2)
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ
V
mA
μA
V
%/°C
NOM.
MAX.
MAX.
MAX.
TYP.
MMSZ5225
C5
3
20
0.25
50
1
30
1600
- 0.075
MMSZ5226
D1
3.3
20
0.25
25
1
28
1600
- 0.07
MMSZ5227
D2
3.6
20
0.25
15
1
24
1700
- 0.065
MMSZ5228
D3
3.9
20
0.25
10
1
23
1900
- 0.06
MMSZ5229
D4
4.3
20
0.25
5
1
22
2000
- 0.055
MMSZ5230
D5
4.7
20
0.25
5
2
19
1900
± 0.030
MMSZ5231
E1
5.1
20
0.25
5
2
17
1600
± 0.030
MMSZ5232
E2
5.6
20
0.25
5
3
11
1600
0.038
MMSZ5233
E3
6
20
0.25
5
3.5
7
1600
0.038
MMSZ5234
E4
6.2
20
0.25
5
4
7
1000
0.045
MMSZ5235
E5
6.8
20
0.25
3
5
5
750
0.05
MMSZ5236
F1
7.5
20
0.25
3
6
6
500
0.058
MMSZ5237
F2
8.2
20
0.25
3
6.5
8
500
0.062
MMSZ5238
F3
8.7
20
0.25
3
6.5
8
600
0.065
MMSZ5239
F4
9.1
20
0.25
3
7
10
600
0.068
MMSZ5240
F5
10
20
0.25
3
8
17
600
0.075
MMSZ5241
H1
11
20
0.25
2
8.4
22
600
0.076
MMSZ5242
H2
12
20
0.25
1
9.1
30
600
0.077
MMSZ5243
H3
13
9.5
0.25
0.5
9.9
13
600
0.079
MMSZ5244
H4
14
9
0.25
0.1
10
15
600
0.082
MMSZ5245
H5
15
8.5
0.25
0.1
11
16
600
0.082
MMSZ5246
J1
16
7.8
0.25
0.1
12
17
600
0.083
MMSZ5247
J2
17
7.4
0.25
0.1
13
19
600
0.084
MMSZ5248
J3
18
7
0.25
0.1
14
21
600
0.085
MMSZ5249
J4
19
6.6
0.25
0.1
14
23
600
0.086
MMSZ5250
J5
20
6.2
0.25
0.1
15
25
600
0.086
MMSZ5251
K1
22
5.6
0.25
0.1
17
29
600
0.087
MMSZ5252
K2
24
5.2
0.25
0.1
18
33
600
0.087
MMSZ5253
K3
25
5
0.25
0.1
19
35
600
0.089
MMSZ5254
K4
27
4.6
0.25
0.1
21
41
600
0.09
MMSZ5255
K5
28
4.5
0.25
0.1
21
44
600
0.091
MMSZ5256
M1
30
4.2
0.25
0.1
23
49
600
0.091
MMSZ5257
M2
33
3.8
0.25
0.1
25
58
700
0.092
MMSZ5258
M3
36
3.4
0.25
0.1
27
70
700
0.093
MMSZ5259
M4
39
3.2
0.25
0.1
30
80
800
0.094
MMSZ5260
M5
43
3
0.25
0.1
33
93
900
0.095
MMSZ5261
N1
47
2.7
0.25
0.1
36
105
1000
0.095
MMSZ5262
N2
51
2.5
0.25
0.1
39
125
1100
0.096
MMSZ5263
N3
56
2.2
0.25
0.1
43
150
1300
0.096
MMSZ5264
N4
60
2.1
0.25
0.1
46
170
1400
0.097
MMSZ5265
N5
62
2
0.25
0.1
47
185
1400
0.097
MMSZ5266
P1
68
1.8
0.25
0.1
52
230
1600
0.097
MMSZ5267
P2
75
1.7
0.25
0.1
56
270
1700
0.098


Similar Part No. - MMSZ5238

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ5238 GE-MMSZ5238 Datasheet
41Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
MMSZ5238 VISHAY-MMSZ5238 Datasheet
136Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 20-Mar-06
MMSZ5238 VISHAY-MMSZ5238 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
MMSZ5238 VISHAY-MMSZ5238 Datasheet
100Kb / 5P
   Small Signal Zener Diodes
Rev. 1.8, 23-Mar-12
MMSZ5238 VISHAY-MMSZ5238 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results

Similar Description - MMSZ5238

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com