Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1084CMA Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1084CMA
Description  5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1084CMA Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1084CMA Datasheet HTML 1Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 2Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 3Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 4Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 5Page - Analog Intergrations Corporation AIC1084CMA Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AIC1084
5
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 3
Dropout Voltage (VOUT=3.3V)
Output Current (A)
0
1
2
3
4
5
1.05
1.10
1.15
1.20
1.25
1.30
1.35
Fig. 4
Minimum Operating Current
Differential Voltage (V)
0
1
2
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
Fig. 5
Minimum Operating Current
Differential Voltage (V)
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
Fig. 6 AIC1084 (ADJ.) Short Circuit Current
VIN-VOUT (V)
10
1
10
2
10
3
10
4
10
5
10
6
10
7
-80
-70
-60
-50
-40
-30
-20
Fig. 7
AIC1084 (ADJ.) Ripple Rejection
COUT=3.3µF
Frequency (Hz)
COUT=10µF
COUT=25µF


Similar Part No. - AIC1084CMA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
   5A Low Dropout Positive Regulator
More results

Similar Description - AIC1084CMA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com