Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8813QBI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW8813QBI-TRG
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813QBI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW8813QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW8813QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW8813QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW8813QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW8813QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW8813QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW8813QBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW8813QBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW8813QBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
8
Pin Description
PIN
APW8813 APW8813A
NAME
FUNCTION
1
1
VTTGND
Power ground output for the VTT LDO.
2
2
VTTSNS
Voltage sense input for the V TT LDO. Connect to plus terminal of the VTT LDO output
capacitor.
3
3
GND
Signal ground for the PWM control ler and VTT LDO. Connect to minus terminal of the VTT
LDO output capacitor.
4
-
MODE
Discharge mode setting pin. When this pin connects to VCC, it is no discharge state. When
this pin connects to VDDQ, it is tracking discharge state. When this pin connects to GND, it is
non-tracking discharge state.
5
4
VTTREF
VTTREF buffered reference ou tput.
6
-
FCCM
Selection pin for PWM controller to operate in either forced PWM or automatic PWM/PFM
mode. Force PWM mode is enabl e when FCCM pin is pulled below the falling threshold
voltage VFCCMTHF, and force PWM is disabled when the FCCM pin is pulled above the rising
threshold voltage VFCCMTHR.
7
-
NC
No Connection.
8
5
V DDQSNS
VDDQ reference input for VTT and VTTREF. Power supply fo r the VTTREF. Discharge
current sinking terminal for VDDQ non-tracking discharge. Output voltage feedback input for
VDDQ output if VDDQSET pin is connected to VCC or GND.
9
6
VDDQSET
VDDQ output voltage setting pin.
10
7
S3
S3 signal input.
11
8
S5
S5 signal input.
12
9
TON
This Pin is Allowed to Adjust The Switching Frequency. Connect a resistor RTON from TON
pin to PHASE VIN terminal.
13
10
PGOOD
Power-good output pin. PGOOD i s an open drain output used to Indicate the status of the
output voltage. When VDDQ output voltage is within the ta rget range, it is in high state.
14
11
VCC
Filtered 5V power supply input for internal control circuitry. Connect R-C network from PVCC
to VCC.
15
12
PVCC
5V power supply voltage input pin for low-side MOSFET gate driver on TQFN-24 package.
16
13
CS
Over-current trip voltage setting input for RDS(ON) current sense scheme if connected to VCC
through the voltage setting resistor.
17
-
CS_GND
Current sense comparator posi tive input terminal and the ground for power good circuit.
18
14
PGND
Power ground of the LGATE low-side MOSFET driver. Connect the pin to the Source of the
low-side MOS FET. Also i t is current sense comparator positive input terminal and the ground
of power good circuit on SSOP-20 package.
19
15
LGATE
Output of the low-side MOSFET driver for PWM. C onnect this pin to Gate of the low-side
MOSFET. Swings from PGND to VCC.
20
16
P HASE
Junction point of the high-side MOSFET Source, output filter inductor and the low-side
MOSFET Drain. Connect this pin to the Source of the high-side MOSFET. PHASE serves as
the lower supply rail for the UGATE high-side gate driver.
21
17
UGATE
Output of the high-side MOSFE T driver for PWM. Connect this pin to Gate of the high-side
MOSFET.
22
18
BOOT
Supply Input for the UGATE Gate Driver and an internal level-shift circuit. Connect to an
external capacitor and diode to create a boosted voltage suitable to drive a logic-level
N-channel MOSFET.
23
19
LDOIN
Supply voltage input for the VTT LDO.
24
20
VTT
Power output for the VTT LDO.


Similar Part No. - APW8813QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811QBI-TRG ANPEC-APW8811QBI-TRG Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8812QBI-TRG ANPEC-APW8812QBI-TRG Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
More results

Similar Description - APW8813QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8868B ANPEC-APW8868B Datasheet
335Kb / 26P
   DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP
Rev. A.3 - Oct., 2017
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
Anpec Electronics Corop...
APW8819 ANPEC-APW8819 Datasheet
793Kb / 28P
   DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com