Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8811QBI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW8811QBI-TRG
Description  System Power PWM Controller for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811QBI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW8811QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW8811QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW8811QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW8811QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW8811QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW8811QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW8811QBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW8811QBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW8811QBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
8
Pin Description (Cont.)
PIN
NO.
NAME
FUNCTION
21
UGATE1
Output of The High-Side MOSFET Driver for PWM1. Connect this pin to Gate of the high-side MOSFET.
22
BOOT1
Supply Input for The UGATE1 Gate Driver and an internal level-shift circuit. Connect to an external capacitor
to create a boosted voltage suitable to drive a logic-level N-channel MOSFET.
23
POK
Power-Good Output Pin of Both PWMs.(Logic AND) POK is an open-drain output used to indicate the status
of the PWMx output voltage. Connect the POK in to +5V through a pull-high resistor.
24
VOUT1
PWM1 Output Voltage-Sense Input. The VOUT1 pin makes a direct measurement of the PWM1 output
voltage. VOUT1 is an input to the constant-on-time PWM one-time one-shot circuit.
Thermal
Pad
GND
Signal Ground for The IC.


Similar Part No. - APW8811QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8812QBI-TRG ANPEC-APW8812QBI-TRG Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
APW8813A ANPEC-APW8813A Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
APW8813AQBI-TRG ANPEC-APW8813AQBI-TRG Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
More results

Similar Description - APW8811QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8822 ANPEC-APW8822 Datasheet
656Kb / 27P
   System Power PWM Controller for Notebook Computers with Charge Pump
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com