Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8804 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW8804
Description  3A 5V 1MHz Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8804 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW8804 Datasheet HTML 4Page - Anpec Electronics Coropration APW8804 Datasheet HTML 5Page - Anpec Electronics Coropration APW8804 Datasheet HTML 6Page - Anpec Electronics Coropration APW8804 Datasheet HTML 7Page - Anpec Electronics Coropration APW8804 Datasheet HTML 8Page - Anpec Electronics Coropration APW8804 Datasheet HTML 9Page - Anpec Electronics Coropration APW8804 Datasheet HTML 10Page - Anpec Electronics Coropration APW8804 Datasheet HTML 11Page - Anpec Electronics Coropration APW8804 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2012
APW8804
www.anpec.com.tw
8
Pin Description
PIN
NO.
TDFN3X3-10
SOP-8P
NAME
FUNCTION
1
-
NC
No Connection.
2,3
1,2
LX
Power Switching Output. LX is the Junction of the high-side and low-side Power
MOSFETs to supply power to the output LC filter.
4
3
POK
Power Good Output. This pin is open-drain logic output that is pulled to the
ground when the output voltage is out of regulation point.
5
4
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN
high to turn on the regulator, drive it low to turn it off.
6
5
FB
Output Feedback Input. The APW8804 senses the feedback voltage via FB and
regulates the voltage at 0.6V. Connecting FB with a resistor-divider from the
converter’s output sets the output voltage.
7
-
NC
No connection.
8
7
VDD
Signal Input. VDD supplies the control circuitry, gate drivers. Connecting a
ceramic bypass capacitor from VDD to GND to eliminate switching noise and
voltage ripple on the input to the IC.
9,10
8
PVDD
Power Input. PVDD supplies the step-down converter switches. Connecting a
ceramic bypass capacitor from PVDD to GND to eliminate switching noise and
voltage ripple on the input to the IC.
11
9
GND
(Exposed Pad)
Ground and Exposed pad. Connect the exposed pad to the system ground plan
with large copper area for dissipating heat into the ambient air.
-
6
GND
Ground. Power and signal ground.


Similar Part No. - APW8804

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8802 ANPEC-APW8802 Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8802QBI-TRG ANPEC-APW8802QBI-TRG Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8802QBI-TRL ANPEC-APW8802QBI-TRL Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
APW8805AQBI-TRG ANPEC-APW8805AQBI-TRG Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
More results

Similar Description - APW8804

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
   5A 5V 1MHz Synchronous Buck Converter
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com